BL-R4532L
AI

The **BL-R4532L** is a high-performance, low-power Wi-Fi module based on the **Realtek RTL8188LUS** (or similar RTL8188 series) chipset. It is designed to provide wireless connectivity to devices via a USB interface.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical and performance characteristics of the BL-R4532L:
| Feature | Specification |
| :--- | :--- |
| **Chipset** | Realtek RTL8188 series |
| **Interface** | USB 2.0 (standard) |
| **Wireless Standard** | IEEE 802.11b/g/n |
| **Frequency Range** | 2.412GHz ~ 2.484GHz |
| **Data Rate** | Up to 150Mbps (1T1R) |
| **Operating Voltage** | 3.3V DC ±10% |
| **Antenna Type** | External (via I-PEX connector or solder pad) |
---
### 2. Hardware Architecture
The module consists of several critical electronic sections:
* **RF Frontend:** Contains the Power Amplifier (PA), Low Noise Amplifier (LNA), and Transmit/Receive (T/R) switch.
* **Baseband/MAC:** Handles the IEEE 802.11 protocol stack and data processing.
* **Power Management:** Internal LDOs (Low Drop-Out regulators) convert the input voltage to the internal voltages required by the core logic and RF sections.
* **Clocking:** Typically utilizes a **40MHz Crystal Oscillator** to provide a stable frequency reference for the radio.
---
### 3. Pinout and Connectivity
Most versions of this module use a small form-factor pin header or SMD pads. The primary connections are:
1. **VDD (3.3V):** Main power supply.
2. **USB_D-:** Differential data line (Negative).
3. **USB_D+:** Differential data line (Positive).
4. **GND:** Common ground.
5. **CHIP_EN/Reset:** Used to enable or disable the module for power-saving modes.
---
### 4. Common Applications
Due to its small footprint and 150Mbps capability, it is commonly found in:
* **OTT Boxes / Smart TVs:** Providing wireless internet access.
* **IP Cameras:** Transferring video feeds over Wi-Fi.
* **Industrial PCs:** Adding networking to embedded systems.
* **Printers:** Enabling wireless printing features.
---
- ⤷
What are the power consumption levels in 'Sleep' vs 'Active' mode?
- ⤷ Does this module support Linux and Android drivers?
- ⤷ Can the BL-R4532L operate in Access Point (AP) mode?