BL-R4532J
AI

The **BL-R4532J** is a high-performance, small-form-factor wireless network module. It is primarily used to provide Wi-Fi connectivity to embedded systems, smart appliances, and consumer electronics.
Below is a detailed breakdown of its electronic specifications and technical architecture.
---
### 1. General Overview
The BL-R4532J is based on the **Realtek RTL8188EUS/ETV** chipset series. It is a highly integrated single-chip 802.11n Wireless LAN (WLAN) USB 2.0 network interface controller.
| Feature | Specification |
| :--- | :--- |
| **Chipset** | Realtek RTL8188 series |
| **Interface** | USB 2.0 / 1.1 |
| **Wireless Standard** | IEEE 802.11b/g/n |
| **Frequency Range** | 2.412GHz ~ 2.484GHz |
| **Data Rate** | Up to 150Mbps (1T1R) |
| **Operating Voltage** | 3.3V ± 0.2V |
---
### 2. Key Electronic Components
The module consists of several critical stages to handle radio frequency (RF) and data processing:
#### A. The Main SoC (System on Chip)
The heart of the module is the Realtek controller. It integrates:
* **MAC (Media Access Control):** Handles the protocol logic.
* **Baseband:** Processes the digital signals.
* **RF Transceiver:** Converts digital data into radio waves and vice versa.
#### B. The Crystal Oscillator
Usually clocked at **40MHz**, this component provides the precise timing reference required for the radio frequency to stay stable on the specific Wi-Fi channels.
#### C. RF Front-End
* **Antenna Port:** Usually features a specialized pin for an external antenna or a built-in PCB trace antenna.
* **Filters:** Band-pass filters are used to eliminate interference from other wireless signals (like Bluetooth or cellular).
---
### 3. Pin Configuration (Typical)
Most BL-R4532J modules use a 4-pin to 6-pin interface for easy integration.
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **3.3V** | Main power supply input |
| 2 | **USB_D-** | USB Differential Data Minus |
| 3 | **USB_D+** | USB Differential Data Plus |
| 4 | **GND** | Ground |
| 5 | **CHIP_EN** | Chip Enable / Reset (Optional) |
---
### 4. Technical Performance Characteristics
#### RF Output Power
* **802.11b:** 17dBm ± 1.5dBm
* **802.11g:** 14dBm ± 1.5dBm
* **802.11n:** 13dBm ± 1.5dBm
#### Security Protocols
The electronic architecture supports hardware-based encryption for:
* WEP 64/128
* WPA, WPA2, WPA3 (depending on driver version)
* WPS (Wi-Fi Protected Setup)
---
### 5. Application Areas
Due to its low power consumption and small footprint, it is commonly found in:
1. **OTT Boxes:** Android TV boxes and IPTV units.
2. **IP Cameras:** Providing wireless video transmission.
3. **Printers:** Enabling wireless printing capabilities.
4. **SBCs:** Single Board Computers (similar to Raspberry Pi clones).
- ⤷
What are the power consumption levels of the BL-R4532J during active transmission?
- ⤷ Is the BL-R4532J compatible with Linux and Android kernels?
- ⤷ How do I connect an external antenna to this specific module?