BL-R4532E
AI

### Overview of the BL-R4532E Module
The **BL-R4532E** is a high-performance, low-power Wi-Fi module designed by Bilin (B-Link). It is primarily based on the **Realtek RTL8188EUS** chipset, providing a cost-effective solution for wireless networking in embedded devices.
---
### Core Electronic Specifications
The following table highlights the primary technical parameters of the module:
| Parameter | Specification |
| :--- | :--- |
| **Chipset** | Realtek RTL8188EUS |
| **Wireless Standard** | IEEE 802.11b/g/n |
| **Interface** | USB 2.0 (High Speed) |
| **Frequency Range** | 2.400GHz ~ 2.4835GHz |
| **Data Rate** | Up to 150Mbps (1T1R) |
| **Operating Voltage** | 3.3V DC (Typical) |
| **Current Consumption** | ~110mA (Transmit), ~90mA (Receive) |
| **Antenna Type** | External (via I-PEX connector or solder pad) |
---
### Key Internal Components
1. **RTL8188EUS SoC:** The "brain" of the module. It integrates a MAC, a 1T1R capable baseband, and RF functions into a single chip.
2. **Crystal Oscillator:** Typically a **40MHz** crystal that provides the timing and clock frequency for the RF circuitry.
3. **EEPROM/Flash:** Stores specific configuration data, such as the MAC address and calibration parameters.
4. **RF Front End:** Includes filters and a power amplifier (PA) integrated within the chipset to manage signal transmission and reception.
5. **Voltage Regulators (LDO):** Internal components that step down the input voltage to the specific levels required by the core logic and RF radio.
---
### Pin Configuration & Connectivity
The module usually utilizes a **6-pin or 7-pin** connection layout for integration onto a main PCB:
* **VCC:** 3.3V Power Supply.
* **USB_D-:** USB Data Negative.
* **USB_D+:** USB Data Positive.
* **GND:** Ground.
* **RF_ANT:** Antenna connection (if not using the I-PEX connector).
* **CHIP_EN/SUSPEND:** Power management and wake-up signals.
---
### Typical Applications
Due to its small form factor and USB interface, the BL-R4532E is commonly found in:
* IP Cameras and Security Systems.
* Smart TV Boxes and OTT Players.
* Printers and Point-of-Sale (POS) terminals.
* Industrial IoT Gateways.
- ⤷
What are the power consumption differences between the RTL8188EUS and newer RTL8188FTV modules?
- ⤷ Does the BL-R4532E support Linux and Android driver integration?
- ⤷ What is the maximum range achieved by this module with a 2dBi antenna?