BL-R413G
AI

The **BL-R413G** is a low-cost, highly integrated IEEE 802.11 b/g/n WLAN (Wireless Local Area Network) module. It is commonly used in consumer electronics to provide Wi-Fi connectivity via a simple USB 2.0 interface.
### 1. Key Technical Specifications
The following table summarizes the primary electronic characteristics of the module:
| Feature | Specification |
| :--- | :--- |
| **Main Chipset** | Realtek RTL8188FTV / RTL8188ETV |
| **Host Interface** | USB 2.0 (High Speed) |
| **Wi-Fi Standard** | IEEE 802.11b, IEEE 802.11g, IEEE 802.11n |
| **Frequency Range** | 2.400GHz ~ 2.4835GHz |
| **Data Rate** | Up to 150Mbps (1T1R) |
| **Operating Voltage** | 3.3V DC +/- 10% |
| **Antenna Type** | External (usually via a solder pad or IPEX connector) |
---
### 2. Core Electronic Components
The module is composed of several critical subsystems integrated into a small PCB footprint:
* **RF Transceiver (RTL8188 series):** This is the "brain" of the module. It handles the Physical Layer (PHY) and Media Access Control (MAC). It manages the conversion between digital data and radio frequency signals.
* **Crystal Oscillator:** Typically a 40MHz crystal that provides the clock signal necessary for the timing of the Wi-Fi radio and the USB interface.
* **Low-Pass Filters (LPF) & Band-Pass Filters (BPF):** These passive components ensure that the radio signals stay within the allocated 2.4GHz spectrum and minimize electromagnetic interference (EMI).
* **Power Management Unit (PMU):** Integrated circuits that regulate the 3.3V input to lower voltages required by the internal logic of the chipset.
---
### 3. Pinout and Integration
Integration into a host PCB (like a Smart TV box or IP Camera) usually involves 4 to 6 main pins:
1. **VDD (3.3V):** Power supply input.
2. **USB_D-:** USB Differential Data Negative.
3. **USB_D+:** USB Differential Data Positive.
4. **GND:** Ground.
5. **RF_ANT:** Output for the Wi-Fi antenna.
6. **CHIP_EN (Optional):** Enable/Reset pin to power down the module for energy saving.
---
### 4. RF Performance Details
| Mode | Output Power (Typical) | Sensitivity |
| :--- | :--- | :--- |
| **802.11b** | 17dBm ± 1.5dB | -80dBm @ 11Mbps |
| **802.11g** | 14dBm ± 1.5dB | -70dBm @ 54Mbps |
| **802.11n** | 13dBm ± 1.5dB | -64dBm @ MCS7 |
- ⤷
What are the differences between the RTL8188FTV and RTL8188ETV chipsets used in this module?
- ⤷ How should I design the antenna trace for the BL-R413G to ensure best performance?
- ⤷ Can this module be used with Linux-based systems like Raspberry Pi?