BL-R3139B
AI

The **BL-R3139B** is a highly integrated, low-power Wi-Fi module based on the **Realtek RTL8139** or similar Realtek chipset series (typically the RTL8189ES/FTV depending on the specific revision). It is designed to provide wireless connectivity to devices via an SDIO interface.
---
### 1. Key Technical Specifications
The following table highlights the primary electronic characteristics of the module:
| Feature | Specification |
| :--- | :--- |
| **Chipset** | Realtek RTL8189FTV / RTL8189ES |
| **Standard** | IEEE 802.11b/g/n |
| **Interface** | SDIO 1.1/2.0/3.0 |
| **Frequency Range** | 2.412GHz ~ 2.484GHz |
| **Data Rate** | Up to 150Mbps (802.11n) |
| **Operating Voltage** | 3.3V DC (±10%) |
| **Antenna Type** | External (via I-PEX connector or solder pad) |
---
### 2. Internal Electronic Components
The module is a System-on-Module (SoM) consisting of several critical surface-mount components:
* **RF Transceiver:** The core IC that handles modulation/demodulation of radio signals.
* **Power Management Unit (PMU):** Converts the 3.3V input to lower voltages required by the internal core logic (usually 1.2V and 1.8V).
* **Crystal Oscillator:** Provides the 26MHz or 40MHz clock reference required for stable frequency synthesis.
* **Band Pass Filter (BPF):** Filters out out-of-band noise to comply with FCC/CE electromagnetic interference standards.
* **EEPROM/Flash (Optional):** Some versions include a small memory chip to store MAC addresses and calibration data.
---
### 3. Pinout Description
The module typically uses a stamp-hole (castellated) design for easy SMD mounting.
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **VDD33** | 3.3V Power Supply |
| 2 | **SDIO_D0** | SDIO Data Line 0 |
| 3 | **SDIO_D1** | SDIO Data Line 1 |
| 4 | **SDIO_CLK** | SDIO Clock Input |
| 5 | **SDIO_CMD** | SDIO Command Line |
| 6 | **GND** | Ground |
| 7 | **ANT** | RF Output/Antenna Port |
---
### 4. Hardware Integration Notes
When designing a PCB for the BL-R3139B, consider the following electronic constraints:
1. **Power Stability:** Use a decoupling capacitor (10uF and 0.1uF) close to the VDD pin to prevent voltage drops during high-power Wi-Fi transmission bursts.
2. **Impedance Control:** The RF trace leading from the ANT pin to the antenna must be designed with a **50-ohm characteristic impedance**.
3. **SDIO Integrity:** Keep SDIO traces as short as possible and equal in length to avoid timing skew.
- ⤷
What are the power consumption levels during active transmission?
- ⤷ Does this module support both Linux and Android drivers?
- ⤷ How do I configure the external antenna for optimal range?