công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • BL-R3135B

  • AI
    ## Overview of the BL-R3135B Module The **BL-R3135B** is a highly integrated, low-power **Wi-Fi + Bluetooth** combo module. It is commonly used in Internet of Things (IoT) devices, smart home appliances, and consumer electronics requiring wireless connectivity. The module is primarily based on the **Realtek RTL8723BS** chipset. --- ### 1. Key Electronic Specifications The following table outlines the core electronic characteristics of the BL-R3135B: | Feature | Specification | | :--- | :--- | | **Main Chipset** | Realtek RTL8723BS | | **Interface** | SDIO 2.0 (Wi-Fi) / UART (Bluetooth) | | **Wi-Fi Standards** | IEEE 802.11b/g/n | | **Bluetooth Standard** | Bluetooth v2.1/4.0 (BLE support) | | **Operating Voltage** | 3.3V (±0.2V) | | **Frequency Range** | 2.400GHz ~ 2.4835GHz | | **Antenna Type** | External (via I-PEX connector or PCB pad) | --- ### 2. Functional Components The module's architecture consists of several critical electronic sub-systems: #### A. Radio Frequency (RF) Section * **Power Amplifier (PA):** Boosts the signal for transmission. * **Low Noise Amplifier (LNA):** Increases sensitivity for receiving weak signals. * **T/R Switch:** Handles the switching between Transmit and Receive modes on the single 2.4GHz band. #### B. Power Management Unit (PMU) * The module regulates internal voltages to power the baseband and RF circuits. * It supports low-power states (Deep Sleep) to conserve energy in battery-operated devices. #### C. Baseband and MAC * **Wi-Fi MAC:** Implements CSMA/CA, fragmentation, and encryption (WEP, WPA/WPA2). * **Bluetooth Controller:** Manages link control and adaptive frequency hopping (AFH). --- ### 3. Pin Configuration and Hardware Interface The BL-R3135B typically utilizes a **Stamp Hole (LCC)** package for SMD mounting. Key pin functions include: * **SDIO Pins:** `SD_D0`, `SD_D1`, `SD_D2`, `SD_D3`, `SD_CLK`, `SD_CMD` (For high-speed Wi-Fi data). * **UART Pins:** `TX`, `RX`, `CTS`, `RTS` (Dedicated for Bluetooth communication). * **Control Pins:** `CHIP_EN` (Module enable) and `WL_WAKE_HOST`. * **Power:** `3.3V` and `GND`. --- ### 4. Implementation Example (Initialization) While the module handles hardware protocols internally, developers interact with it via drivers in the OS (Linux/Android). Below is a conceptual representation of how the SDIO interface is detected in a Linux environment: ```bash # Check if the SDIO bus detects the Realtek chipset dmesg | grep mmc # Expected output snippet: # mmc1: new high speed SDIO card at address 0001 # rtl8723bs: chip_version=0x01, rf_type=0x00 ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum data transfer rate for the BL-R3135B over Wi-Fi?
    • ⤷ Does this module support dual-band 5GHz Wi-Fi?
    • ⤷ How do you connect an external antenna to this specific module?