công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • BL-R3132N

  • AI
    ## BL-R3132N Wi-Fi Module: Electronic Overview The **BL-R3132N** is a highly integrated, low-power Wi-Fi module designed by Bilin (LB-Link). It is primarily used to provide wireless connectivity to embedded devices such as smart appliances, IP cameras, and IoT gateways. --- ### 1. Key Technical Specifications The module is based on the **Realtek RTL8188EUS** (or similar variants in the RTL8188 series) chipset. Below are the primary electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Chipset** | Realtek RTL8188EUS | | **Interface** | USB 2.0 (High Speed) | | **Wireless Standards** | IEEE 802.11b/g/n | | **Frequency Range** | 2.400GHz ~ 2.4835GHz | | **Data Rate** | Up to 150Mbps (802.11n) | | **Operating Voltage** | 3.3V DC (±0.2V) | | **Antenna Type** | External (via I-PEX/U.FL connector) or PCB Trace | --- ### 2. Core Electronic Components The module's architecture consists of several critical subsystems integrated onto a single PCB: #### A. The SoC (System on Chip) The heart of the module is the **Realtek RTL8188** series IC. This chip combines: * **MAC (Media Access Control):** Handles the wireless protocol logic. * **Baseband:** Processes the digital signals for radio transmission. * **RF Transceiver:** Manages the actual radio frequency sending and receiving. #### B. Power Management The module typically operates on **3.3V**. It includes internal Low Dropout (LDO) regulators to step down voltages for the sensitive digital core and the analog radio components, ensuring signal stability and noise reduction. #### C. RF Front-End This section includes: * **Power Amplifier (PA):** Boosts the signal for transmission. * **Low Noise Amplifier (LNA):** Increases the sensitivity for receiving weak signals from the router. * **Band Pass Filter:** Removes interference from other electronics (like microwaves or Bluetooth). --- ### 3. Pinout and Connectivity The BL-R3132N usually uses a **4-pin or 6-pin** interface for communication with the host processor (such as an ARM or MIPS CPU). | Pin Name | Function | Description | | :--- | :--- | :--- | | **VDD** | Power | 3.3V Main Power Supply | | **USB_D-** | Data | USB Differential Signal Minus | | **USB_D+** | Data | USB Differential Signal Plus | | **GND** | Ground | Common Ground | | **CHIP_EN** | Control | Module Enable/Reset (High = Active) | --- ### 4. Implementation Example (Pseudo-Configuration) To initialize the module in a Linux-based embedded system, the kernel requires the `rtl8188eu` driver. The electronic communication happens over the USB bus: ```bash # Check if the hardware is detected on the USB bus lsusb # Output should show ID 0bda:8179 Realtek Semiconductor Corp. RTL8188EUS # Load the driver module modprobe 8188eu ``` --- ### 5. Application Areas * **Smart Home:** Smart plugs, air conditioners, and light controllers. * **Consumer Electronics:** OTT Boxes, Smart TVs, and portable projectors. * **Security:** Wi-Fi enabled IP cameras and DVRs.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power consumption of the BL-R3132N during transmission?
    • ⤷ Does this module support dual-band 5GHz Wi-Fi?
    • ⤷ Which specific Linux driver is recommended for the RTL8188EUS chipset?