công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • BL-R3132L

  • AI
    The **BL-R3132L** is a highly integrated, low-power Wi-Fi module based on the **Realtek RTL8188FTV** chipset. It is designed to provide wireless network connectivity to devices via a high-speed USB 2.0 interface. --- ## 1. Core Technical Specifications The following table summarizes the primary hardware characteristics of the BL-R3132L module: | Feature | Specification | | :--- | :--- | | **Chipset** | Realtek RTL8188FTV | | **Wireless Standard** | IEEE 802.11b/g/n | | **Interface** | USB 2.0 | | **Frequency Range** | 2.412GHz ~ 2.484GHz | | **Data Rate** | Up to 150Mbps (802.11n) | | **Operating Voltage** | 3.3V +/- 0.2V | | **Antenna Type** | External (via half-hole/pin) or PCB Trace | | **Modulation** | OFDM, CCK, DQPSK, DBPSK | --- ## 2. Key Electronic Components The module's architecture consists of several critical stages: ### A. RF Front-End * **PA (Power Amplifier):** Boosts the signal for transmission. * **LNA (Low Noise Amplifier):** Increases the sensitivity of the receiver to pick up weak signals. * **T/R Switch:** Manages the switching between Transmit and Receive modes on a single antenna path. ### B. Baseband and MAC The **RTL8188FTV** integrates the Medium Access Control (MAC) and a 1T1R (1 Transmit, 1 Receive) baseband. It handles the processing of data packets and ensures compatibility with the 802.11n standard using MIMO technology (Single Stream). ### C. Power Management The module typically requires a stable **3.3V DC** input. It includes internal LDOs (Low Dropout Regulators) to step down voltages for the core logic and sensitive analog RF circuits to minimize noise interference. --- ## 3. Pin Definition and Connectivity The module usually utilizes a "stamp hole" (castellated holes) design for SMT mounting. ```yaml Pin Configuration (General): 1. GND - Ground 2. RF_ANT - RF Output/Input (to Antenna) 3. VCC - 3.3V Power Supply 4. USB_D- - USB Data Minus 5. USB_D+ - USB Data Plus 6. GND - Ground 7. CH_EN - Chip Enable (High = Active) ``` --- ## 4. Application Use Cases Because of its small form factor and USB interface, the BL-R3132L is commonly found in: * **OTT Boxes / IPTVs:** Providing Wi-Fi connectivity to smart televisions. * **IP Cameras:** For wireless security video streaming. * **Portable Devices:** Handheld terminals and POS systems. * **Printers:** Enabling wireless printing capabilities.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption levels of the BL-R3132L in sleep vs. active mode?
    • ⤷ Does this module support both Linux and Windows drivers?
    • ⤷ How do I calculate the trace impedance for the RF_ANT pin on a 4-layer PCB?