công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • BL-R2132W

  • AI
    The **BL-R2132W** is a low-cost, high-performance IEEE 802.11b/g/n WLAN (Wireless Local Area Network) module. It is commonly used in consumer electronics to provide Wi-Fi connectivity via a simple USB interface. --- ### ## 1. Key Technical Specifications The module is built around the **Realtek RTL8188EUS** or **RTL8188ETV** chipset, which integrates a MAC, a 1T1R capable baseband, and RF in a single chip. | Parameter | Specification | | :--- | :--- | | **Chipset** | Realtek RTL8188 (EUS/ETV) | | **Standard** | IEEE 802.11b/g/n | | **Interface** | USB 2.0 (standard 4-pin/6-pin header) | | **Frequency Range** | 2.412 GHz ~ 2.484 GHz | | **Data Rate** | Up to 150 Mbps (on 11n) | | **Operating Voltage** | 3.3V DC (+/- 10%) | | **Antenna Type** | External (via I-PEX connector or solder pad) | --- ### ## 2. Hardware Components & Architecture The module consists of several critical electronic components that allow it to function as a wireless bridge: 1. **Main SoC (RTL8188):** The "brain" of the module. It handles the Wi-Fi protocol stack and converts data from the USB bus into radio waves. 2. **Crystal Oscillator:** Usually a 40MHz crystal that provides the timing clock for the radio frequency and the processor. 3. **RF Front-End:** Includes the Power Amplifier (PA) for transmitting signals and the Low Noise Amplifier (LNA) for receiving weak signals. 4. **LDO / Power Management:** On-board voltage regulators that drop the input voltage to the internal 1.2V required by the core logic. 5. **I-PEX Connector:** A miniature RF connector (U.FL compatible) used to attach a high-gain external antenna. --- ### ## 3. Pinout Configuration While variations exist depending on the specific board revision, a standard BL-R2132W module typically uses a 4-pin or 6-pin interface for the USB connection: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **3.3V** | Power Supply Input | | 2 | **DM** | USB Data Minus | | 3 | **DP** | USB Data Plus | | 4 | **GND** | Ground | | 5 | **RST** | Reset (Optional/External control) | | 6 | **W_EN** | Wireless Enable / Wake-up | --- ### ## 4. Common Applications Due to its small form factor and USB interface, it is frequently found in: * **IP Cameras:** Providing wireless video streaming. * **Set-Top Boxes (STB):** Enabling internet features on TVs. * **OTT Boxes:** For Android/Linux media players. * **IoT Gateways:** Acting as the primary network interface for smart home hubs.
    ✨ Follow-up Questions
    • ⤷ What are the driver requirements for the RTL8188 chipset on Linux systems?
    • ⤷ Does this module support both 2.4GHz and 5GHz bands?
    • ⤷ How does the power consumption of the BL-R2132W compare to newer Wi-Fi 6 modules?