BL-R2122N
AI

The **BL-R2122N** is a high-performance, low-cost wireless network adapter module based on the **Realtek RTL8122NB** (or sometimes RTL8188 series variants depending on the manufacturer batch) chipset. It is designed to provide 802.11b/g/n Wi-Fi connectivity for embedded devices.
---
### 1. Key Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Chipset** | Realtek RTL8122 / RTL8188 series |
| **Standard** | IEEE 802.11b/g/n |
| **Interface** | USB 2.0 (standard for communication) |
| **Data Rate** | Up to 150 Mbps (1T1R) |
| **Frequency Range** | 2.412 GHz ~ 2.484 GHz |
| **Operating Voltage** | 3.3V DC (±0.2V) |
| **Antenna** | External (via I-PEX connector or solder pad) |
---
### 2. Main Electronic Components
The module is composed of several critical internal stages:
#### A. The Main SoC (System on Chip)
The heart of the module is the **Realtek IC**. This chip handles:
* **MAC (Media Access Control):** Manages the Wi-Fi protocol stack.
* **Baseband Processor:** Processes the digital signals for wireless transmission.
* **RF Transceiver:** Converts digital data into radio frequency signals.
#### B. The Crystal Oscillator
Usually operating at **40MHz**, this component provides the precise clock signal required for the high-frequency radio and timing of the data packets.
#### C. Power Management Unit (PMU)
Embedded LDOs (Low Dropout Regulators) convert the incoming 3.3V supply to the lower voltages required by the core logic (usually 1.2V or 1.1V).
#### D. RF Front-End
Includes a **Power Amplifier (PA)** for transmission and a **Low Noise Amplifier (LNA)** for reception. It also contains a T/R switch to toggle between sending and receiving data.
---
### 3. Pinout and Connection Logic
The module typically uses a 4-pin to 6-pin interface for easy integration into PCBA designs:
```markdown
1. VCC (3.3V Power Input)
2. USB_D- (USB Differential Data Minus)
3. USB_D+ (USB Differential Data Plus)
4. GND (Ground)
5. RF_ANT (Antenna Output - if not using I-PEX)
```
---
### 4. Application Use Cases
Because of its small footprint and USB interface, it is widely used in:
* **Smart TVs and Set-Top Boxes:** Providing wireless internet access.
* **IP Cameras:** For wireless video streaming.
* **Industrial PCs:** Enabling Wi-Fi on boards that lack built-in wireless.
* **IoT Gateways:** Acts as the communication bridge for 2.4GHz networks.
- ⤷
What are the power consumption levels for the BL-R2122N in standby vs active mode?
- ⤷ Does this module support Linux and Android driver integration?
- ⤷ Is there a dual-band version of this module that supports 5GHz?