AI

The **BL-R1132H** is a high-performance, low-power wireless communication module based on the **Realtek RTL8188EUS** (or similar variant) chipset. It is primarily designed to provide IEEE 802.11b/g/n Wi-Fi connectivity for embedded systems, consumer electronics, and IoT devices.
---
### ## Technical Specifications
The following table outlines the core electronic and operational parameters of the BL-R1132H module:
| Parameter | Specification |
| :--- | :--- |
| **Chipset** | Realtek RTL8188EUS / RTL8188ETV |
| **Interface** | USB 2.0 (High Speed) |
| **Wireless Standard** | IEEE 802.11b/g/n |
| **Frequency Range** | 2.400GHz ~ 2.4835GHz |
| **Data Rate** | Up to 150Mbps (1T1R) |
| **Operating Voltage** | 3.3V DC (±0.2V) |
| **Antenna Type** | External (via I-PEX connector or PCB solder pad) |
| **Security** | WEP, WPA, WPA2, WAPI |
---
### ## Key Electronic Components
The module is a miniaturized System-on-Module (SoM) consisting of several critical electronic sub-sections:
1. **Main SoC (System on Chip):** The Realtek controller integrates the MAC (Media Access Control), Baseband, and Radio Frequency (RF) circuitry into a single die to reduce footprint and power consumption.
2. **Crystal Oscillator:** Usually a 40MHz crystal that provides the clock frequency required for the RF synthesizer and digital processing.
3. **Power Management Unit (PMU):** Internal LDOs (Low Dropout Regulators) convert the 3.3V input to lower voltages (e.g., 1.2V) required by the core logic.
4. **RF Front End:** Includes a Power Amplifier (PA) for transmission and a Low Noise Amplifier (LNA) for reception, ensuring signal integrity across distances.
5. **EEPROM / OTP:** On-board memory used to store the MAC address, calibration data, and device IDs.
---
### ## Pin Configuration (Common 4-Pin / 6-Pin Layout)
Most variants of the BL-R1132H utilize a simple 4-pin interface for easy integration with host microcontrollers (like Raspberry Pi or STM32):
| Pin Name | Description |
| :--- | :--- |
| **3.3V** | Main power supply input |
| **USB_D-** | USB 2.0 Differential Data Negative |
| **USB_D+** | USB 2.0 Differential Data Positive |
| **GND** | Ground reference |
| **WPS/EN** | (Optional) Chip Enable or WPS trigger |
---
### ## Application Use Cases
Because of its USB interface and small form factor, it is commonly found in:
* **IP Cameras:** For wireless video transmission.
* **Smart TVs/OTT Boxes:** Adding Wi-Fi capability to multimedia players.
* **Industrial PCs:** Providing local network access for data logging.
* **Printers:** Enabling wireless printing services.
---
- ⤷
How do I install the Linux drivers for the RTL8188EUS chipset used in this module?
- ⤷ What is the typical power consumption of the BL-R1132H during active transmission?
- ⤷ Can this module be used in 'Access Point' mode or only 'Station' mode?