BK/PCE-5-R
AI

The **BK/PCE-5-R** is a specific model of subminiature fuse manufactured by **Eaton (Bussmann Series)**. It is widely used in power supplies, chargers, and consumer electronics where space is at a premium and reliable overcurrent protection is required.
---
## 1. Component Overview
The PCE series consists of radial-leaded, through-hole fuses. The "R" suffix indicates that the part is **RoHS compliant** (lead-free).
### Key Specifications
| Feature | Specification |
| :--- | :--- |
| **Current Rating** | 5 Amperes |
| **Voltage Rating (AC)** | 125 VAC |
| **Voltage Rating (DC)** | 125 VDC |
| **Interrupt Rating** | 50A at 125 VAC/DC |
| **Mounting Type** | Through-hole (Radial Leads) |
| **Fuse Type** | Fast-Acting |
| **Body Material** | High-temperature Plastic / Wire-in-air |
---
## 2. Technical Characteristics
### Fast-Acting Performance
Unlike "Slo-Blo" (Time-delay) fuses, the PCE series is designed to open very quickly when an overcurrent condition occurs. This protects sensitive semiconductor components from spikes.
### Physical Dimensions
The "PCE" series typically uses a small, rectangular or cylindrical body design:
* **Lead Spacing:** Standardized for PCB insertion (approx. 5.08mm).
* **Encapsulation:** The body is usually made of a thermoplastic that can withstand wave soldering temperatures.
### Typical Applications
* **Power Supplies:** Protecting the input/output stages of AC/DC adapters.
* **Consumer Electronics:** Televisions, monitors, and gaming consoles.
* **Industrial:** LED lighting drivers and small battery chargers.
---
## 3. Part Number Breakdown
The part number **BK/PCE-5-R** can be decoded as follows:
| Code | Meaning |
| :--- | :--- |
| **BK/** | Packaging prefix (typically indicates bulk packaging). |
| **PCE** | Series identifier (Subminiature Radial Fuse). |
| **5** | Current rating in Amperes (5A). |
| **-R** | RoHS compliance (Lead-Free). |
---
- ⤷
What is the difference between the PCE series and the PC-Tron series of fuses?
- ⤷ How does the 50A interrupt rating affect its safety in high-current circuits?
- ⤷ Can this fuse be used in automotive 12V DC applications?