BK/PCC-1-R
AI

The **BK/PCC-1-R** is a specific model of subminiature fuse manufactured by **Eaton (formerly Bussmann)**. It belongs to the **PC-Tron** series, which is highly regarded in the electronics industry for its high-speed performance and reliability on printed circuit boards (PCBs).
---
### 1. Technical Specifications
The following table outlines the primary electrical and physical characteristics of the BK/PCC-1-R:
| Parameter | Specification |
| :--- | :--- |
| **Series** | PC-Tron |
| **Current Rating** | 1 Ampere |
| **Voltage Rating (AC)** | 250 VAC |
| **Voltage Rating (DC)** | 125 VDC |
| **Interrupting Rating** | 50A at 250VAC / 10kA at 125VAC |
| **Mounting Type** | Through-Hole (Radial Leads) |
| **Response Time** | Fast-Acting |
| **Body Material** | High-temperature plastic |
| **Lead Finish** | Tin-plated copper |
---
### 2. Breakdown of the Part Number
Understanding the nomenclature helps in identifying the specific variant:
* **BK/**: Indicates "Bulk" packaging (usually 100 or 1,000 units per box).
* **PCC**: Refers to the physical lead configuration (Radial leads, typically 0.100" spacing).
* **1**: Represents the Ampere rating (1A).
* **-R**: Signifies **RoHS Compliance** (lead-free and environmentally friendly).
---
### 3. Key Features and Applications
The BK/PCC-1-R is not a standard glass fuse; it is a specialized component designed for precision protection.
#### Features:
* **High Interrupting Capacity:** Unlike many small fuses, the PC-Tron series can handle high fault currents (up to 10,000 Amps at certain voltages) without exploding or leaking.
* **Compact Footprint:** Its subminiature size saves significant board space compared to traditional 5x20mm fuse holders.
* **Speed:** It is "Fast-Acting," meaning it blows almost instantly when a current spike occurs, protecting sensitive semiconductors (ICs, MOSFETs).
#### Common Applications:
* Power supplies (SMPS)
* Consumer electronics
* Industrial control boards
* Telecommunications equipment
---
### 4. Installation and Handling
When integrating this part into a circuit, developers should note the lead spacing and soldering requirements:
```text
Lead Spacing: 0.100" (2.54mm)
Soldering: Wave solder compatible
Orientation: Vertical (Radial)
```
---
- ⤷
What is the difference between the PCC and PCB series of PC-Tron fuses?
- ⤷ How does the interrupting rating affect the safety of my PCB design?
- ⤷ Are there surface-mount (SMD) equivalents to the BK/PCC-1-R?