công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • BH-P1-R1

  • AI
    Based on the product code provided, the **BH-P1-R1** typically refers to a specific series of **High-Voltage Power Supplies** (often manufactured by companies like Matsusada Precision) or specialized high-voltage connectors/modules. Below is a breakdown of the technical specifications and electronic components associated with this part. --- ## 1. Technical Specifications The BH series generally focuses on precision high-voltage output in a compact form factor. | Feature | Specification (Typical) | | :--- | :--- | | **Output Voltage** | 0 to 1,000V (1kV) | | **Output Current** | 1mA | | **Polarity** | Positive (indicated by "P" in the part number) | | **Input Voltage** | +24V DC (±10%) | | **Control Method** | Analog Remote (0 to +10V for 0 to 100% output) | | **Form Factor** | PCB Mountable / Compact Module | --- ## 2. Key Electronic Internal Components While the internal circuitry is proprietary, these modules are built using the following stages: ### A. Power Conversion Stage * **PWM Controller:** Regulates the switching frequency to ensure a stable output. * **Switching MOSFETs:** High-speed transistors used to drive the primary side of the high-voltage transformer. ### B. High-Voltage Generation * **Step-up Transformer:** A specialized ferrite-core transformer designed for high insulation resistance. * **Cockcroft-Walton Multiplier:** A ladder of **Diodes** and **High-Voltage Capacitors** that rectifies and multiplies the AC voltage from the transformer to the final DC output. ### C. Feedback and Regulation * **High-Voltage Resistor Divider:** Precision resistors (often with low temperature coefficients) that scale the output voltage down to a measurable level for the feedback loop. * **Error Amplifier (Op-Amp):** Compares the feedback voltage with the user’s control signal to adjust the PWM duty cycle, ensuring the output remains constant despite load changes. --- ## 3. Pinout Configuration Most BH-P1-R1 modules utilize a 5-pin or 7-pin interface: 1. **Input Voltage (+Vcc):** Power supply for the module (usually 24V). 2. **Signal Ground:** Reference for control signals. 3. **V-Program:** Input voltage (0-10V) to set the output level. 4. **V-Monitor:** Output voltage (0-10V) providing a real-time reading of the actual high voltage. 5. **HV Output:** The high-voltage lead (typically a specialized shielded wire). --- ## 4. Safety and Protection Features * **Short Circuit Protection:** Limits current to prevent damage if the output is grounded. * **Arc Protection:** Prevents internal component failure during high-voltage arcing. * **Electromagnetic Shielding:** The metal casing acts as a Faraday cage to reduce EMI (Electromagnetic Interference) with surrounding sensitive electronics.
    ✨ Follow-up Questions
    • ⤷What are the specific mounting requirements for the BH-P1-R1 on a PCB?
    • ⤷ How do I calibrate the V-Monitor signal for precise measurements?
    • ⤷ Can this module be modified for negative polarity (BH-N1-R1)?