công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • BD882-R_13

  • AI
    ### Overview of the BD882-R_13 The **BD882-R_13** is a specific variant of the **BD882** series, which is a high-performance **NPN Silicon Epitaxial Planar Transistor**. This component is widely recognized for its high current capacity and low saturation voltage, making it ideal for power management and switching applications. --- ### 1. Key Technical Specifications The "R" suffix usually denotes the **DC Current Gain (hFE) classification**, and "_13" typically refers to the packaging method (e.g., 13-inch tape and reel). | Parameter | Symbol | Value | | :--- | :--- | :--- | | **Transistor Polarity** | Type | NPN | | **Collector-Emitter Voltage** | $V_{CEO}$ | 30V | | **Collector-Base Voltage** | $V_{CBO}$ | 40V | | **Emitter-Base Voltage** | $V_{EBO}$ | 6V | | **Continuous Collector Current** | $I_C$ | 3.0A | | **Peak Collector Current** | $I_{CP}$ | 7.0A | | **Collector Power Dissipation** | $P_C$ | 1W to 2W (varies by PCB) | | **DC Current Gain (R Grade)** | $h_{FE}$ | 120 ~ 240 | --- ### 2. Physical and Package Characteristics The BD882 is commonly found in the **SOT-89** surface-mount package. This package is designed for applications requiring moderate power dissipation in a compact footprint. * **Pin Configuration:** 1. **Base (B):** Input signal trigger. 2. **Collector (C):** The main current output (connected to the center tab). 3. **Emitter (E):** The common return/ground. --- ### 3. Core Features * **High Current Capability:** Capable of handling up to 3A continuously, which is high for its small package size. * **Low Saturation Voltage:** $V_{CE(sat)}$ is typically low (around 0.5V at 2A), reducing heat generation and power loss. * **Complementary Pair:** The **BD892** is the PNP counterpart, often used together in push-pull amplifier circuits. --- ### 4. Typical Applications The BD882-R is versatile and used in circuits where space is limited but power demands are relatively high: 1. **Voltage Regulation:** Used in series pass transistors for linear regulators. 2. **Relay/Solenoid Drivers:** The high $I_C$ allows it to drive heavy inductive loads. 3. **Audio Amplification:** Power output stages for small speakers or headphones. 4. **DC-DC Converters:** Acts as a high-speed switch in power conversion modules. 5. **Backlight Inverters:** Used in CCFL or LED driving circuits for displays. --- ### 5. Equivalent/Alternative Parts If the BD882-R is unavailable, the following parts are often considered (check pinouts as they may differ): * **2SD882:** The original designation (often interchangeable). * **MJD31C:** A TO-252 alternative (larger, but handles more power). * **BCX56:** A smaller SOT-89 alternative (but with lower current ratings).
    ✨ Follow-up Questions
    • ⤷ What are the thermal management requirements for the SOT-89 version of the BD882?
    • ⤷ How does the 'R' gain classification affect circuit performance compared to 'Q' or 'P' grades?
    • ⤷ Can the BD882 be used directly with 5V logic microcontrollers for switching 3A loads?