BCP53_14
AI

## BCP53-16 / BCP53-14: Electronic Characteristics
The **BCP53** is a medium-power PNP epitaxial planar transistor. While "BCP53_14" often refers to a specific gain grouping or batch code, the component belongs to the BCP53 family, typically housed in the **SOT-223** surface-mount package. It is designed for medium power amplification and switching applications.
---
### 1. Key Technical Specifications
The following table outlines the absolute maximum ratings and typical electrical characteristics for the BCP53 series.
| Parameter | Symbol | Typical Value | Unit |
| :--- | :--- | :--- | :--- |
| **Collector-Emitter Voltage** | $V_{CEO}$ | -80 | V |
| **Collector-Base Voltage** | $V_{CBO}$ | -100 | V |
| **Emitter-Base Voltage** | $V_{EBO}$ | -5 | V |
| **Continuous Collector Current** | $I_C$ | -1.5 | A |
| **Peak Collector Current** | $I_{CM}$ | -2.0 | A |
| **Total Power Dissipation** | $P_{tot}$ | 1.35 | W |
| **DC Current Gain (hFE)** | $h_{FE}$ | 63 - 250 | - |
---
### 2. Pin Configuration (SOT-223)
The SOT-223 package is favored for its thermal properties, as the large tab is connected to the collector to act as a heat sink.
1. **Pin 1:** Base
2. **Pin 2/Tab:** Collector
3. **Pin 3:** Emitter
---
### 3. Features and Applications
#### Features:
* **High Current:** Capable of handling up to 1.5A, which is high for its small footprint.
* **Low Saturation Voltage:** Ensures efficiency in switching applications by minimizing power loss.
* **Complementary Pair:** The NPN equivalent is the **BCP56**.
#### Common Applications:
* **Voltage Regulation:** Used in linear regulators and power management circuits.
* **Relay Drivers:** Ideal for driving small to medium-sized relays or solenoid valves.
* **Audio Amplification:** Used in the output stages of low-power audio amplifiers.
* **DC-DC Converters:** Acts as a switching element in small power converters.
---
### 4. Gain Selections (hFE Classification)
The number following the part (e.g., -10, -16) usually indicates the current gain range:
| Suffix | hFE Range |
| :--- | :--- |
| **BCP53** | 63 - 250 |
| **BCP53-10** | 63 - 160 |
| **BCP53-16** | 100 - 250 |
---
### 5. Footprint Example (CAD/PCB)
```pcb
// SOT-223 Footprint Dimensions (Approx)
Pad 1 (Base): 0.7mm x 1.2mm
Pad 2 (Collector): 3.0mm x 1.2mm (Thermal Tab)
Pad 3 (Emitter): 0.7mm x 1.2mm
Pitch: 2.3mm
```
- ⤷What is the NPN complementary transistor for the BCP53?
- ⤷ How does the SOT-223 package handle heat dissipation compared to SOT-23?
- ⤷ What are the specific differences between BCP53-10 and BCP53-16?