BAV70WL-AL3-R
AI

### BAV70WL-AL3-R: High-Speed Switching Diode Overview
The **BAV70WL-AL3-R** is a specific surface-mount electronic component. It belongs to a family of small-signal diodes configured in a **Dual Common Cathode** arrangement.
---
### 1. Key Technical Specifications
Below are the electrical characteristics typical for this part number:
| Parameter | Specification |
| :--- | :--- |
| **Configuration** | Dual Diode, Common Cathode |
| **Reverse Voltage ($V_R$)** | 70V (Maximum) |
| **Forward Current ($I_F$)** | 200mA (Continuous) |
| **Reverse Recovery Time ($t_{rr}$)** | 4ns |
| **Forward Voltage ($V_F$)** | ~1.0V (at $I_F = 50mA$) |
| **Package Type** | SOT-323 (often denoted by the 'W' in the suffix) |
| **Operating Temperature** | -65°C to +150°C |
---
### 2. Internal Circuitry
The BAV70 configuration consists of two diodes housed in a single three-pin package.
* **Pin 1:** Anode of Diode 1
* **Pin 2:** Anode of Diode 2
* **Pin 3:** Common Cathode (Connected to both Diodes)
---
### 3. Decoding the Part Number (Suffixes)
Manufacturers (like UTC - Unisonic Technologies) use specific codes for ordering:
* **BAV70**: The base part number for the dual common-cathode diode.
* **WL**: Usually indicates the **SOT-323** package (a smaller version of the standard SOT-23).
* **AL3**: Refers to the lead-free/halogen-free status and specific pinout orientation.
* **R**: Indicates the packaging method, typically **Tape & Reel**.
---
### 4. Common Applications
Due to its high switching speed and small footprint, the BAV70WL is frequently used in:
1. **Signal Logic:** High-speed switching in digital circuits.
2. **ESD Protection:** Protecting I/O lines from voltage spikes.
3. **Clamping:** Limiting the voltage level of a signal to protect downstream components.
4. **Rectification:** Small-scale AC to DC conversion in signal processing.
---
### 5. Equivalent/Alternative Parts
If this specific part is unavailable, the following are industry-standard equivalents (though package sizes may vary):
* **BAV70** (Standard SOT-23)
* **BAV70W** (SOT-323)
* **MMBD7000** (Similar dual diode characteristics)
- ⤷
What is the main difference between a common cathode and a common anode diode configuration?
- ⤷ Can the BAV70WL be used for power rectification applications?
- ⤷ How does the 4ns recovery time impact high-frequency circuit performance?