BAV70WG-AL3-R
AI

## BAV70WG-AL3-R: Technical Overview
The **BAV70WG-AL3-R** is a high-speed switching diode configured in a **common cathode** arrangement. It is widely used in signal processing, high-speed switching, and protection circuits due to its small footprint and fast recovery time.
### 1. Key Technical Specifications
| Parameter | Symbol | Value | Unit |
| :--- | :--- | :--- | :--- |
| **Configuration** | - | Common Cathode (Dual) | - |
| **Reverse Voltage (Max)** | $V_{R}$ | 70 | V |
| **Forward Current (Continuous)** | $I_{F}$ | 200 | mA |
| **Reverse Recovery Time** | $t_{rr}$ | 6.0 | ns |
| **Forward Voltage Drop** | $V_{F}$ | 1.0 (at 50mA) | V |
| **Package Type** | - | SOT-323 (SC-70) | - |
---
### 2. Internal Configuration
The device contains two silicon epitaxial planar diodes inside a single package.
* **Pin 1:** Anode 1
* **Pin 2:** Anode 2
* **Pin 3:** Common Cathode
### 3. Application Areas
* **High-Speed Switching:** Ideal for digital logic circuits where fast transitions are required.
* **Signal Clamping:** Used to limit voltage levels in sensitive communication lines.
* **Reverse Polarity Protection:** Protecting low-power circuits from incorrect battery insertion.
* **General Purpose:** Rectification in low-current power supplies.
---
### 4. Part Number Breakdown (UTC Standard)
The suffix codes usually indicate specific manufacturing details:
1. **BAV70:** Base part number (High-speed switching diode).
2. **WG:** Often indicates a specific package variant or "Halogen Free/Green" status.
3. **AL3:** Typically refers to the **SOT-323** package type.
4. **R:** Indicates **Tape and Reel** packaging for automated assembly.
### 5. Equivalent Alternatives
If this specific part is unavailable, the following are common industry equivalents:
* **BAV70** (Standard SOT-23 version)
* **BAV70W** (Standard SOT-323 version from other manufacturers like ONsemi or Diodes Inc.)
* **MMBD7000** (Similar high-speed dual diode functionality)
- ⤷What is the difference between BAV70 and BAV99 diode configurations?
- ⤷ How does the 6ns reverse recovery time impact high-frequency circuits?
- ⤷ Can the BAV70WG be used for power rectification above 1 Amp?