BAT54S-AL3-R
AI

## Technical Overview: BAT54S-AL3-R
The **BAT54S-AL3-R** is a high-speed Schottky barrier diode in a dual-series configuration. It is widely used in power management and signal processing due to its low forward voltage drop and fast switching capabilities.
---
### 1. Key Technical Specifications
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Configuration** | Dual Series | Two diodes connected in series (Anode 1 to Cathode 2) |
| **Continuous Forward Current ($I_F$)** | 200 mA | Maximum current the diode can handle continuously |
| **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 30 V | Maximum voltage the diode can withstand in reverse |
| **Forward Voltage Drop ($V_F$)** | ~0.32V - 1.0V | Low voltage drop compared to standard silicon diodes |
| **Reverse Recovery Time ($t_{rr}$)** | < 5.0 ns | Extremely fast switching speed |
| **Operating Temperature** | -55°C to +150°C | Robust range for industrial applications |
---
### 2. Internal Circuit Diagram
The **"S"** suffix in BAT54S denotes the internal arrangement. In this specific model, the pins are connected as follows:
```text
Pin 1: Anode (D1)
Pin 2: Cathode (D2)
Pin 3: Cathode (D1) and Anode (D2) connected together (Common junction)
```
---
### 3. Core Features and Benefits
* **Schottky Technology:** Utilizes a metal-to-silicon junction rather than a P-N junction, resulting in much faster switching and lower power loss.
* **Surface Mount Design:** Usually comes in the **SOT-23** package (indicated by the AL3/R suffix codes), making it ideal for automated PCB assembly.
* **Low Capacitance:** Typical capacitance is around 10pF, which helps maintain signal integrity in high-frequency circuits.
---
### 4. Typical Applications
1. **ESD Protection:** Protecting sensitive IC inputs from voltage spikes.
2. **Clamping Circuits:** Limiting the voltage level of a signal to prevent damage to downstream components.
3. **Reverse Polarity Protection:** Protecting small low-power circuits from accidental battery reversal.
4. **Voltage Doublers:** Used in RF and power circuits to multiply input voltages.
---
### 5. Part Number Breakdown (UTC/Typical)
* **BAT54:** The base part number for the Schottky diode series.
* **S:** Internal configuration (Series connection).
* **AL3:** Package code (commonly referring to SOT-23).
* **R:** Packing code (usually Tape & Reel).
- ⤷
What are the differences between BAT54S
- ⤷ BAT54A
- ⤷ and BAT54C?
- ⤷ How does the forward voltage drop change with temperature in this diode?
- ⤷ Can the BAT54S be used for high-current power rectification?