công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • BAT54G-AE3-R

  • AI
    ## Technical Overview: BAT54G-AE3-R Schottky Barrier Diode The **BAT54G-AE3-R** is a high-performance, small-signal Schottky barrier diode. It is widely used in high-speed switching applications, circuit protection, and power management due to its low forward voltage drop and fast switching speeds. --- ### 1. Key Specifications The following table highlights the primary electrical characteristics of the BAT54G-AE3-R: | Parameter | Symbol | Typical Value | Unit | | :--- | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 30 | V | | **Forward Continuous Current** | $I_F$ | 200 | mA | | **Forward Voltage Drop** ($I_F = 100mA$) | $V_F$ | 0.8 (Max 1.0) | V | | **Reverse Recovery Time** | $t_{rr}$ | 5.0 | ns | | **Power Dissipation** | $P_D$ | 200 | mW | | **Operating Temperature** | $T_j$ | -55 to +125 | °C | --- ### 2. Physical and Package Details The "AE3" suffix in the part number typically refers to the **SOT-23** package, which is a standard surface-mount plastic package. * **Package Type:** SOT-23 * **Pin Configuration:** 3 pins (1: Anode, 2: NC/No Connection, 3: Cathode - *Note: Always verify the specific manufacturer datasheet for pinout variations*). * **"G" Suffix:** Usually denotes "Green" (Halogen-free and RoHS compliant). * **"R" Suffix:** Usually denotes "Tape and Reel" packaging for automated assembly. --- ### 3. Core Features * **Ultra-Fast Switching:** With a recovery time of 5ns, it is ideal for high-frequency signal processing. * **Low Forward Voltage:** Reduces power loss and heat generation compared to standard silicon diodes. * **PN Junction Guard Ring:** Provides transient and ESD protection, enhancing the reliability of the component. * **Small Footprint:** The SOT-23 package saves significant PCB space in portable electronics. --- ### 4. Common Applications 1. **Rectification:** Converting low-voltage AC signals to DC. 2. **Clamping Circuits:** Protecting sensitive IC inputs from voltage spikes. 3. **Reverse Polarity Protection:** Preventing damage if batteries or power supplies are connected incorrectly. 4. **Signal Logic:** Used in high-speed digital logic gates or mixing circuits. ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between the BAT54 and BAT54S variants?
    • ⤷ How does the forward voltage drop change with temperature in this diode?
    • ⤷ Can this diode be used for high-power rectification above 1 Amp?