BAT54CG-AE3-R
AI

## Technical Overview: BAT54CG-AE3-R
The **BAT54CG-AE3-R** is a high-speed Schottky barrier diode configured in a **common cathode** arrangement. It is widely used in power management and signal processing due to its low forward voltage drop and fast switching capabilities.
---
### 1. Key Specifications
The following table summarizes the primary electrical characteristics of the BAT54CG-AE3-R:
| Parameter | Symbol | Value | Unit |
| :--- | :--- | :--- | :--- |
| **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 30 | V |
| **Forward Continuous Current** | $I_F$ | 200 | mA |
| **Forward Voltage Drop** (at $I_F = 1mA$) | $V_F$ | 0.32 (Max) | V |
| **Forward Voltage Drop** (at $I_F = 100mA$) | $V_F$ | 1.0 (Max) | V |
| **Reverse Recovery Time** | $t_{rr}$ | 5.0 | ns |
| **Operating Junction Temperature** | $T_j$ | -55 to +125 | °C |
---
### 2. Physical Configuration & Packaging
The suffix codes in the part number often refer to the specific packaging and pinout:
* **Internal Configuration:** Common Cathode (Two diodes sharing a single cathode pin).
* **Package Type:** SOT-23 (Small Outline Transistor).
* **Pin Layout:**
* Pin 1: Anode 1
* Pin 2: Anode 2
* Pin 3: Common Cathode
---
### 3. Core Features
* **Schottky Technology:** Utilizes a metal-to-silicon junction rather than a P-N junction, resulting in significantly faster switching and lower power loss.
* **Fast Switching:** The 5ns recovery time makes it ideal for high-frequency applications.
* **Low Capacitance:** Minimizes signal distortion in high-speed data lines.
* **Surface Mount:** Designed for automated PCB assembly.
---
### 4. Typical Applications
1. **Ultra High-Speed Switching:** Used in logic circuits to increase speed.
2. **Voltage Clamping:** Protects sensitive IC inputs from overvoltage spikes.
3. **Reverse Polarity Protection:** Prevents damage if batteries or power supplies are connected incorrectly (though limited to 200mA).
4. **Free-wheeling Diode:** Used in small inductive load circuits to suppress back-EMF.
---
### 5. Part Number Breakdown
The nomenclature typically follows the manufacturer (often UTC - Unisonic Technologies) standards:
* **BAT54:** Base series (Schottky Diode).
* **C:** Common Cathode configuration.
* **G:** Halogen-free and Antimony-free (Green).
* **AE3:** Package code for SOT-23.
* **R:** Tape & Reel packaging.
- ⤷
What is the difference between the BAT54C (Common Cathode) and the BAT54S (Series) versions?
- ⤷ How does the forward voltage of a Schottky diode compare to a standard silicon diode like the 1N4148?
- ⤷ What are the thermal considerations when running the BAT54CG at its maximum 200mA current?