BAT54AWL-AL3-R
AI

### BAT54AWL-AL3-R Technical Overview
The **BAT54AWL-AL3-R** is a specific variant of the widely used BAT54 series. It is a **Schottky Barrier Diode** featuring a dual-configuration (Common Anode) housed in a small surface-mount package.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics for this component:
| Parameter | Symbol | Value | Unit |
| :--- | :--- | :--- | :--- |
| **Continuous Reverse Voltage** | $V_R$ | 30 | V |
| **Forward Continuous Current** | $I_F$ | 200 | mA |
| **Forward Voltage (Max @ 1mA)** | $V_F$ | 0.32 | V |
| **Forward Voltage (Max @ 100mA)** | $V_F$ | 1.0 | V |
| **Reverse Recovery Time** | $t_{rr}$ | 5.0 | ns |
| **Total Capacitance** | $C_T$ | 10 | pF |
---
### 2. Internal Configuration & Package
The "AWL" suffix indicates the specific pinout and package style:
* **Configuration:** Dual Diode, **Common Anode**. This means the two anodes are connected to a single pin, while the two cathodes are separate.
* **Package Type:** Typically **SOT-323** (or SC-70). This is a miniature version of the SOT-23, ideal for high-density circuit boards.
* **Lead-Free:** The "-R" usually denotes RoHS compliance and Tape & Reel packaging for automated assembly.
---
### 3. Distinctive Features
* **Low Forward Voltage:** Because it is a Schottky diode, it has a much lower $V_F$ than standard silicon diodes (0.3V vs 0.7V).
* **Ultra-Fast Switching:** With a recovery time of 5ns, it is suitable for high-speed signal processing.
* **Guard Ring Construction:** Includes a guard ring for transient protection and to minimize leakage current.
---
### 4. Common Applications
Due to its small size and fast response, it is used in:
1. **Signal Clamping:** Protecting sensitive IC inputs from overvoltage.
2. **Reverse Polarity Protection:** For low-current battery-powered devices.
3. **High-Speed Switching:** Used in RF and communication circuits.
4. **Voltage Doublers:** Often used in small power management sub-circuits.
---
- ⤷
What is the difference between the BAT54AW and the standard BAT54?
- ⤷ Can this diode be used for high-power rectification?
- ⤷ What are the specific pin assignments for the SOT-323 package in this configuration?