BAS70WG-AL3-R
AI

The **BAS70WG-AL3-R** is a specific surface-mount Schottky barrier diode. It is widely used in high-speed switching and radio frequency (RF) applications due to its low forward voltage drop and fast recovery time.
---
### 1. General Specifications
The following table highlights the primary electrical and physical characteristics of the BAS70WG-AL3-R:
| Parameter | Value / Description |
| :--- | :--- |
| **Component Type** | Schottky Barrier Diode |
| **Package Type** | SOT-323 (Small Outline Transistor) |
| **Max Forward Current ($I_F$)** | 70 mA |
| **Reverse Breakdown Voltage ($V_R$)** | 70 V |
| **Forward Voltage ($V_F$)** | ~0.41V @ 1mA |
| **Capacitance ($C_T$)** | 2 pF (Typical) |
| **Operating Temperature** | -55°C to +150°C |
---
### 2. Key Features
* **Low Turn-on Voltage:** As a Schottky diode, it conducts at a much lower voltage than standard silicon diodes, improving efficiency in low-power circuits.
* **High Switching Speed:** The ultra-fast switching capability makes it suitable for high-frequency signal processing.
* **Small Footprint:** The SOT-323 package (also known as SC-70) is ideal for space-constrained PCB designs.
* **Low Capacitance:** Its low junction capacitance ensures minimal signal distortion in RF applications.
---
### 3. Pinout Configuration
The BAS70WG is typically housed in a 3-pin SOT-323 package. Depending on the specific variant (Single, Common Cathode, Common Anode, or Series), the internal connections vary.
```text
[ Pin 3 ]
/ \
/ \
[ Pin 1 ]---[ Pin 2 ]
```
* **Standard Single Configuration:**
* Pin 1: Anode
* Pin 2: No Connection (NC)
* Pin 3: Cathode
---
### 4. Common Applications
1. **RF Mixing and Detection:** Used in radio receivers for signal demodulation.
2. **Clamping Circuits:** Protects sensitive IC inputs from overvoltage by "clamping" the signal to the supply rails.
3. **High-Speed Logic:** Used in digital circuits to prevent transistor saturation (Schottky clamping).
4. **Reverse Polarity Protection:** Protecting low-current circuits from battery reversal.
- ⤷
What are the differences between the SOT-323 and SOT-23 versions of this diode?
- ⤷ How does the 'AL3-R' suffix affect the ordering and packaging specifications?
- ⤷ Can this diode be used for power rectification in high-current power supplies?