BAS416-Q
AI

## Overview of the BAS416-Q
The **BAS416-Q** is a high-speed switching diode encapsulated in a small SOD-323 (SC-76) surface-mounted plastic package. It is specifically designed for high-speed switching applications and is **Automotive Grade** (AEC-Q101 qualified).
---
### 1. Key Technical Specifications
The following table outlines the primary electrical characteristics of the BAS416-Q:
| Parameter | Symbol | Value | Unit |
| :--- | :--- | :--- | :--- |
| **Continuous Reverse Voltage** | $V_R$ | Max 75 | V |
| **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | Max 85 | V |
| **Continuous Forward Current** | $I_F$ | Max 200 | mA |
| **Forward Voltage** ($I_F = 100\text{ mA}$) | $V_F$ | Max 1.1 | V |
| **Reverse Recovery Time** ($t_{rr}$) | $t_{rr}$ | Max 3.0 | µs |
| **Diode Capacitance** ($V_R = 0\text{V}, f=1\text{MHz}$) | $C_d$ | Max 1.1 | pF |
| **Reverse Current** ($V_R = 75\text{V}$) | $I_R$ | Max 5.0 | nA |
---
### 2. Major Features
* **Low Leakage Current:** It features an extremely low reverse leakage current ($I_R$), which helps in maintaining signal integrity and reducing power consumption in battery-operated devices.
* **Low Capacitance:** With a typical capacitance around $1.1\text{ pF}$, it is suitable for high-frequency circuits.
* **Automotive Qualification:** The "-Q" suffix indicates it is AEC-Q101 qualified, meaning it has undergone rigorous stress testing for use in harsh automotive environments.
* **Compact Footprint:** The SOD-323 package saves significant PCB space compared to traditional leaded diodes.
---
### 3. Pin Configuration
The device has two terminals:
1. **Anode (Pin 1):** The positive terminal.
2. **Cathode (Pin 2):** The negative terminal (usually marked with a band on the package body).
---
### 4. Typical Applications
The BAS416-Q is commonly used in the following scenarios:
* **Automotive Electronics:** Control units (ECUs), infotainment, and sensor modules.
* **General Purpose Switching:** High-speed logic switching.
* **Reverse Polarity Protection:** Protecting sensitive low-power circuits from accidental battery reversal.
* **Signal Clamping:** Clipping voltage spikes in communication lines.
---
- ⤷
What is the main difference between the BAS416-Q and a standard Schottky diode?
- ⤷ How does the ultra-low leakage current affect circuit performance in standby mode?
- ⤷ What are the specific thermal resistance parameters for the SOD-323 package used here?