công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • BAS316G-CB2-R

  • AI
    ## Technical Overview: BAS316G-CB2-R The **BAS316G-CB2-R** is a high-speed switching diode housed in a small, surface-mount package. It is designed for high-speed switching applications in consumer, industrial, and automotive electronics where board space is at a premium. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics for the BAS316G-CB2-R: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Continuous Reverse Voltage** | $V_R$ | 100 | V (Max) | | **Forward Current** | $I_F$ | 250 | mA (Max) | | **Forward Voltage Drop** | $V_F$ | 1.25 (@ $I_F = 150mA$) | V | | **Reverse Recovery Time** | $t_{rr}$ | 4 | ns | | **Capacitance** | $C_d$ | 1.5 | pF | | **Power Dissipation** | $P_{tot}$ | 250 | mW | --- ### 2. Functional Description * **High-Speed Switching:** With a reverse recovery time ($t_{rr}$) of only 4 nanoseconds, this diode can transition from a conducting state to a non-conducting state extremely quickly, making it suitable for high-frequency signal processing. * **Small Footprint:** It typically utilizes the **SOD-323** (or similar) ultra-small plastic package, which is ideal for high-density circuit boards. * **Low Capacitance:** The low diode capacitance (1.5 pF) ensures minimal signal distortion in high-speed data lines. --- ### 3. Common Applications Due to its characteristics, the BAS316G-CB2-R is commonly found in: 1. **General Purpose Switching:** Turning signals on and off in digital circuits. 2. **High-Speed Logic:** Used in logic gates and pulse-shaping circuits. 3. **Reverse Polarity Protection:** Protecting sensitive low-power components from incorrect battery insertion. 4. **Signal Clamping:** Preventing voltage spikes from damaging IC inputs. --- ### 4. Part Number Breakdown (General) While specific to the manufacturer (often Diodes Inc or Nexperia equivalents), the suffix typically indicates: * **BAS316:** The core series (High-speed switching diode). * **G:** Often denotes "Green" (Halogen-free and RoHS compliant). * **CB2:** Specific internal lead frame or bonding configuration. * **R:** Indicates "Reel" packaging for automated Pick-and-Place machines.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the SOD-323 package used by this diode?
    • ⤷ How does the reverse recovery time impact performance in high-frequency PWM circuits?
    • ⤷ What are the equivalent alternative part numbers for the BAS316?