công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • B7A-R6A18

  • AI
    The **B7A-R6A18** is a specific model within the Omron B7A interface terminal series. It functions as a **16-point Output Module** designed to simplify wiring between PLCs (Programmable Logic Controllers) and remote I/O devices by using a single-cable multiplex transmission system. --- ### ## Technical Specifications The following table outlines the primary electrical and physical characteristics of the B7A-R6A18: | Feature | Specification | | :--- | :--- | | **I/O Type** | Output (Receiving) | | **Number of Points** | 16 Points | | **Transmission Distance** | 10m (Standard) or 50m (High-speed) | | **Rated Voltage** | 12 to 24 VDC | | **Output Configuration** | NPN Open Collector | | **Response Time** | 19.2 ms (Standard) or 3 ms (High-speed) | | **Connector Type** | Screw terminals for easy wiring | --- ### ## Key Electronic Components & Operation #### 1. NPN Open Collector Outputs The "R6A18" designation indicates that the output stage consists of NPN transistors. When a signal is received from the master unit, the transistor conducts, pulling the load toward the negative rail (0V). This is ideal for driving relays, solenoid valves, or PLC inputs. #### 2. Transmission Logic The module uses a **Multiplexing Integrated Circuit (IC)**. Instead of requiring 16 separate wires for 16 signals, it receives a serial data stream over a two-wire link (Signal and GND) and de-serializes it to trigger the individual 16 output pins. #### 3. Error Detection Features The unit includes specific electronic safeguards: * **Transmission Error Bit:** If the serial link is broken or suffers from heavy electromagnetic interference (EMI), the module can detect the data mismatch. * **Hold/Clear Selection:** Internal circuitry allows the user to choose whether outputs should "Hold" their last state or "Clear" (turn off) if a communication error occurs. --- ### ## Wiring Diagram Overview Typical connection points for the B7A-R6A18 involve three main sections: 1. **Power Supply:** VCC (+12/24V) and GND terminals to power the internal logic. 2. **Transmission Line:** The **SIG** (Signal) terminal which connects back to the B7A Link Master (Input unit). 3. **Load Terminals:** 16 output terminals (labeled 0 through 15) and a common terminal. ```mermaid graph LR A[B7A Master] -- Serial Signal --> B[B7A-R6A18 Receiver] B --> C1[Output 0] B --> C2[Output 1] B --> C3[Output 15] ``` --- ### ## Applications * **Wiring Reduction:** Reducing 16 individual wires down to a 2-core cable. * **Control Panels:** Linking a main PLC cabinet to a remote operator push-button station. * **Material Handling:** Managing sensors and actuators across conveyor systems.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the B7A-R6A18 and its PNP equivalent?
    • ⤷ How do you configure the high-speed vs. standard transmission modes?
    • ⤷ What are the common troubleshooting steps for a 'Transmission Error' on this module?