B65815-P-R87
AI

The part number **B65815-P-R87** refers to a high-quality ferrite core accessory, specifically an **RM10 (Rectangular Modul) core set** manufactured by TDK Electronics (formerly EPCOS).
Below is a detailed breakdown of the electronic specifications and characteristics for this component.
---
### 1. Component Overview
The B65815 series belongs to the **RM (Rectangular Modul)** core family. These cores are designed for high-density power applications and telecommunications due to their efficient use of space and excellent shielding properties.
### 2. Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Core Shape** | RM10 (Rectangular Module, Size 10) |
| **Material Grade** | N87 (Power Material) |
| **AL Value** | 4300 nH (+30% / -20%) |
| **Effective Permeability ($\mu_e$)** | 1720 |
| **Air Gap** | None (Ungapped) |
| **Core Set** | Consists of two halves (ordered as a set) |
### 3. Material Properties (N87 Grade)
The **N87** material is a Manganese-Zinc (MnZn) ferrite designed primarily for power transformers and switch-mode power supplies (SMPS).
* **Frequency Range:** Optimized for frequencies up to approximately 500 kHz.
* **Saturation Flux Density:** High saturation (~490 mT at 25°C).
* **Low Core Losses:** Specifically engineered to minimize energy loss at high temperatures (typically measured at 100°C).
### 4. Key Advantages
* **Self-Shielding:** The shape of the RM core provides excellent magnetic shielding, reducing Electromagnetic Interference (EMI).
* **Compact Footprint:** Offers a high inductance-to-volume ratio, making it ideal for compact PCB layouts.
* **Integrated Design:** Often paired with specific bobbins (coils formers) and clips for easy automated assembly.
### 5. Common Applications
1. **Switch-Mode Power Supplies (SMPS):** Used in DC-DC converters and AC-DC adapters.
2. **Inductors:** High-quality storage or filter inductors.
3. **Telecommunications:** Signal transformers where low distortion and high stability are required.
4. **Resonant Circuit Transformers:** Due to the stable performance of the N87 material.
---
- ⤷
What are the compatible bobbins and mounting clips for the RM10 core?
- ⤷ How does the N87 material compare to N27 or N97 for power applications?
- ⤷ What is the maximum operating temperature for this ferrite core?