công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • B65735-J-R65

  • AI
    ## Technical Overview: B65735J0000R065 (EPCOS / TDK) The **B65735-J-R65** is a high-performance ferrite core part of the **PM (Pot Core Module)** series manufactured by TDK Electronics (formerly EPCOS). These cores are specifically designed for high-power applications and transformer designs requiring high efficiency and compact footprints. --- ### 1. Key Technical Specifications The model number encodes specific physical and material properties: | Feature | Specification | Detail | | :--- | :--- | :--- | | **Core Shape** | PM 114/93 | Large scale Pot Core variant | | **Material** | N65 | High-frequency, low-loss power material | | **AL Value** | Not specified by "R65" | Typically defined by gap or material grade | | **Initial Permeability** | $\approx$ 2200 | Base material property for N65 | | **Configuration** | Set (usually 2 halves) | Sold as matched pairs | --- ### 2. Material Properties: N65 The **N65** designation is critical. It defines the electromagnetic behavior of the ferrite: * **Frequency Range:** Optimized for power applications up to ~500 kHz. * **Low Losses:** Engineered to minimize eddy current and hysteresis losses at high temperatures (typically characterized at 100°C). * **Saturation:** High flux density saturation to prevent core clipping during peak currents. --- ### 3. Physical Dimensions (PM 114/93) This is a large-format core. Below are the approximate dimensions for the 114/93 series: * **Outside Diameter:** ~114 mm * **Height (Total):** ~93 mm * **Effective Volume ($V_e$):** ~547,000 $mm^3$ * **Effective Cross Section ($A_e$):** ~1870 $mm^2$ --- ### 4. Common Applications Due to its size and high power handling, the B65735 series is commonly found in: 1. **High-Power Transformers:** Used in industrial kilovolt-ampere (kVA) power supplies. 2. **Inductors for Resonant Circuits:** High-efficiency energy storage. 3. **Welding Equipment:** Power conversion stages. 4. **Renewable Energy:** Inverters for solar and wind power management. --- ### 5. Ordering & Accessories When implementing this part in a PCB design, the following accessories are usually required: ```markdown * SSS-PM114: Support system / Clamps * B65736: Corresponding Coil Former (Bobbin) * Mounting Assemblies: Screws and washers for mechanical stability ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power loss characteristics of N65 material at 100°C?
    • ⤷ Which bobbin (coil former) is recommended for the B65735 PM 114/93 core?
    • ⤷ How does the N65 material compare to N87 for high-frequency applications?