B65713-A-R27
AI

The part number **B65713-A-R27** refers to a high-quality **Ferrite Core** manufactured by **TDK Electronics (formerly EPCOS)**. Specifically, this belongs to the **PM (Pot Core Module)** series.
---
### 1. Technical Specifications
The part is defined by its geometry, material composition, and magnetic properties.
| Parameter | Specification |
| :--- | :--- |
| **Core Shape** | PM 74/59 (Large Pot Core) |
| **Material Grade** | N27 (Power Material) |
| **Inductance Factor (AL)** | Approx. 7300 nH (varies by gap) |
| **Effective Permeability ($\mu_e$)** | ~1740 |
| **Operating Frequency** | Up to 100 kHz |
| **Application** | Power Transformers, High-power Inductors |
---
### 2. Deep Dive into the Components
#### A. Core Shape: PM (Pot Module)
The PM shape is designed for high-power applications. It offers several advantages:
* **Self-Shielding:** The closed shape minimizes electromagnetic interference (EMI).
* **Heat Dissipation:** Large surface area allows for better cooling in high-current scenarios.
* **Ease of Assembly:** Designed to be used with specific bobbins and mounting hardware for stable PCB placement.
#### B. Material Grade: N27
The **N27** material is a Manganese-Zinc (MnZn) ferrite. It is optimized for:
* **Power Conversion:** High saturation flux density ($B_{sat}$).
* **Low Losses:** Engineered for low power loss at frequencies typically used in switch-mode power supplies (SMPS).
* **Temperature Stability:** Maintains magnetic properties reliably up to $100^\circ\text{C}$.
---
### 3. Common Applications
Due to its large size (74mm x 59mm) and material properties, this core is typically found in:
1. **Industrial SMPS:** High-wattage power supplies for machinery.
2. **Renewable Energy:** Inverters for solar power systems.
3. **Telecom Power:** DC/DC converters for telecommunications infrastructure.
4. **EV Charging:** Power stages in electric vehicle charging stations.
---
### 4. Ordering and Accessories
To utilize this core in a design, you typically require the following complementary parts:
* **B65714 series:** Corresponding coil formers (bobbins).
* **Mounting Assembly:** Clamps or yokes to hold the two core halves together.
---
- ⤷
What are the specific power loss characteristics of the N27 material at 100kHz?
- ⤷ Which bobbins are compatible with the PM 74/59 core size?
- ⤷ How does N27 material compare to N87 for high-frequency efficiency?