B3C-R/
AI

The **B3C-R** is a specific electronic component within the **B3C Series**, primarily manufactured by **Omron**. It belongs to the category of tactile switches, specifically designed for reliability and specific mechanical feedback.
---
### 1. Component Overview
The B3C-R is a **Tactile Switch** (also known as a momentary push-button). These are used to complete an electrical circuit only when the button is physically pressed.
| Feature | Specification |
| :--- | :--- |
| **Type** | Tactile Switch (Momentary) |
| **Series** | Omron B3C |
| **Contact Form** | SPST-NO (Single Pole, Single Throw, Normally Open) |
| **Termination Style** | Through-hole (PCB mounting) |
| **Operating Force** | Typically ~1.27 N to 1.96 N (depending on sub-variant) |
---
### 2. Key Electronic Parts & Construction
The B3C-R is comprised of several internal parts that ensure its function and longevity:
1. **Plunger/Actuator:** The top part that the user presses. In the "R" variant, this is often a rubberized or soft-touch material to provide a specific tactile feel compared to hard plastic.
2. **Contact Dome (Snap Action):** A metal disc inside that provides the "click" sound and tactile feedback. When pressed, it collapses to bridge the contacts.
3. **Terminals:** The conductive legs (usually 4 pins for stability) that are soldered into the PCB.
4. **Base/Housing:** A heat-resistant thermoplastic that holds the components and protects the internal mechanism from dust.
---
### 3. Electrical Characteristics
These switches are designed for low-power signal switching, not for driving heavy loads.
* **Switching Capacity:** Usually rated for **1 mA to 50 mA** at **5 VDC to 24 VDC**.
* **Contact Resistance:** Typically less than 100 mΩ.
* **Insulation Resistance:** 100 MΩ minimum at 250 VDC.
* **Dielectric Strength:** 500 VAC for 1 minute.
---
### 4. Common Applications
The B3C-R is found in devices requiring high-reliability user input:
* **Consumer Electronics:** Audio equipment, appliances, and remote controls.
* **Industrial Controls:** Panel buttons for PLCs or machinery.
* **Computing:** Peripheral reset buttons or keyboard-style inputs.
---
- ⤷What is the difference between the B3C-R and the standard B3F series?
- ⤷ How do I interpret the 'R' suffix in Omron tactile switch part numbers?
- ⤷ What is the rated life cycle (number of operations) for the B3C series?