B1A3N-R
AI

The **B1A3N-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Bipolar Junction Transistor (BJT)**. Specifically, it is a PNP Silicon Epitaxial transistor often used for switching and amplification in compact circuits.
---
### 1. Key Technical Specifications
Below are the typical parameters for this part (referencing the standard SOT-23 package variant):
| Parameter | Symbol | Typical Value | Unit |
| :--- | :--- | :--- | :--- |
| **Type** | - | PNP | - |
| **Collector-Base Voltage** | $V_{CBO}$ | -30 | V |
| **Collector-Emitter Voltage** | $V_{CEO}$ | -25 | V |
| **Emitter-Base Voltage** | $V_{EBO}$ | -5 | V |
| **Collector Current (DC)** | $I_C$ | -100 to -500 | mA |
| **Power Dissipation** | $P_D$ | 200 - 350 | mW |
| **Package Style** | - | SOT-23 | - |
---
### 2. Functional Description
As a **PNP Transistor**, the B1A3N-R operates differently than the more common NPN types:
* **Current Flow:** Current flows from the Emitter to the Collector when the Base is pulled "Low" (negative relative to the emitter).
* **Switching:** It is frequently used as a "High-Side Switch" to connect a load to a positive power rail.
* **Marking Code:** On the physical component (SOT-23), you will often see a short code (like "B1" or "A3") rather than the full part number due to size constraints.
---
### 3. Pinout Configuration
For the standard SOT-23 package used by the B1A3N-R, the pinout is generally as follows:
1. **Base (B):** Controls the biasing of the transistor.
2. **Emitter (E):** The source of the charge carriers.
3. **Collector (C):** Where the current exits/enters after passing through the base.
---
### 4. Common Applications
* **Signal Amplification:** Boosting small analog signals in audio or sensor circuits.
* **Digital Switching:** Turning LEDs, small motors, or relays on and off via a microcontroller.
* **Voltage Regulation:** Used in simple linear regulator circuits to maintain steady voltage.
---
### 5. Equivalent/Substitute Parts
If you are unable to find the B1A3N-R, these common PNP transistors often serve as functional equivalents (though you must verify pinouts):
* **BC807:** A very common general-purpose PNP SMD transistor.
* **MMBT3906:** Standard switching PNP transistor.
* **2SA1015 (SMD version):** Popular in Japanese-designed consumer electronics.
- ⤷
What is the specific marking code printed on the physical B1A3N-R package?
- ⤷ Can this transistor be used directly with a 5V microcontroller output?
- ⤷ What are the thermal considerations when using this part in a high-current switching application?