AZ114-R
AI

The **AZ114-R** is a specialized electronic component, specifically a **Transient Voltage Suppressor (TVS) Diode Array**. It is designed to protect sensitive high-speed data lines from Electrostatic Discharge (ESD), Electrical Fast Transients (EFT), and Lightning strikes.
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the AZ114-R:
| Parameter | Symbol | Value |
| :--- | :--- | :--- |
| **Peak Pulse Current** (tp=8/20µs) | $I_{PP}$ | ~4.5 A |
| **Reverse Stand-off Voltage** | $V_{RWM}$ | 5.0 V |
| **Reverse Breakdown Voltage** | $V_{BR}$ | 6.0 V (Min) |
| **Clamping Voltage** (at $I_{PP}=1A$) | $V_C$ | ~9.0 V |
| **Input Capacitance** (I/O to GND) | $C_J$ | 0.5 pF (Typ) |
| **Operating Temperature** | $T_{OP}$ | -55°C to +85°C |
---
### 2. Physical and Mechanical Features
The device is manufactured by **Amazing Microelectronic Corp.** and usually comes in a small surface-mount package to save PCB real estate.
* **Package Type:** SOT-23-6L (Small Outline Transistor with 6 leads).
* **Protection Channels:** It typically protects four high-speed I/O lines.
* **Lead Finish:** Lead-free (RoHS Compliant).
---
### 3. Functional Internal Structure
The AZ114-R utilizes a **Low Capacitance Steering Diode** architecture.
* **Steering Diodes:** These direct the transient current (the ESD spike) away from the protected IC and toward the power supply rail ($V_{CC}$) or Ground ($GND$).
* **Internal TVS:** An internal Zener-like diode is integrated to clamp the voltage level, ensuring that the spike does not exceed the breakdown threshold of the delicate components downstream.
---
### 4. Common Applications
Because of its extremely low capacitance (0.5 pF), the AZ114-R does not degrade high-speed signals. It is commonly found in:
1. **USB 2.0 / USB 3.0 Interfaces:** Protecting data lines ($D+$ and $D-$).
2. **HDMI/DVI Ports:** High-definition video transmission lines.
3. **Monitors and Flat Panel Displays:** LVDS (Low-Voltage Differential Signaling) lines.
4. **Ethernet Ports:** 10/100/1000 Base-T protection.
5. **Portable Electronics:** Smartphones, tablets, and laptops.
---
### 5. Circuit Implementation
When designing with the AZ114-R, the device should be placed as close to the **connector** as possible. This prevents the ESD pulse from coupling into other traces on the PCB.
```text
Connector Side ----> [ AZ114-R ] ----> Protected IC Side
|
[ GND ]
```
- ⤷What is the difference between AZ114-R and standard Zener diodes?
- ⤷ How does the 0.5 pF capacitance affect signal integrity?
- ⤷ Can the AZ114-R be used for power supply protection?