AX-SFJK-API
AI

The **AX-SFJK-API** is a specialized System-on-Chip (SoC) or module component, typically associated with the **Sigfox** wireless communication standard. It is designed for Ultra-Low Power (ULP) Internet of Things (IoT) applications, specifically targeting the Japanese market (RCZ 3).
---
## 1. Core Technical Specifications
The device acts as a single-chip solution for a Sigfox node, integrating both the radio transceiver and the microcontroller functionality.
| Feature | Specification |
| :--- | :--- |
| **Frequency Band** | 923.2 MHz (RCZ 3 - Japan) |
| **Data Rate** | 100 bps / 600 bps |
| **Modulation** | DBPSK (Upstream), GFSK (Downstream) |
| **Operating Voltage** | 1.8V to 3.6V |
| **Interface** | UART (AT Command Set) |
| **Package** | Typically QFN20 or specialized module form |
---
## 2. Key Electronic Components & Subsystems
### A. The Radio Transceiver
The heart of the chip is a high-performance, narrow-band sub-GHz transceiver.
* **Sensitivity:** Extremely high sensitivity (approx. -126 dBm) to allow for long-range communication despite low power output.
* **Output Power:** Adjustable up to +13 dBm to comply with Japanese radio regulations while maximizing range.
### B. Microcontroller (MCU) Core
The "API" suffix indicates that the chip allows users to embed their own application code directly onto the integrated MCU, rather than just using it as a "dumb" modem.
* **Architecture:** Typically based on a low-power 8-bit or 32-bit RISC core.
* **Memory:** Includes internal Flash and RAM to store the Sigfox stack and user application logic.
### C. Power Management Unit (PMU)
Designed for battery-operated devices (often lasting 5-10 years on a single cell).
* **Deep Sleep Current:** Usually in the range of **100 nA to 1.5 μA**.
* **TX/RX Current:** Optimized to stay under 40mA during active transmission.
---
## 3. Peripheral Interfaces
To interact with sensors and other hardware, the AX-SFJK-API provides several I/O options:
* **GPIOs:** For triggering wakes or controlling LEDs/switches.
* **ADC (Analog to Digital Converter):** For reading analog sensors like thermistors or light sensors.
* **Timers:** Essential for scheduling periodic "heartbeat" transmissions.
* **UART:** The primary communication bus for external controllers if used in "Modem Mode."
---
## 4. Application Circuitry Requirements
When designing a PCB for this part, the following external electronic components are typically required:
1. **Matching Network:** A combination of inductors and capacitors to match the antenna impedance (50 ohms).
2. **TCXO (Temperature Compensated Crystal Oscillator):** Crucial for Sigfox due to the ultra-narrowband nature; frequency stability is vital to prevent signal drift.
3. **Decoupling Capacitors:** Standard 100nF and 10uF capacitors to stabilize the power supply pins.
- ⤷
What are the main differences between the AX-SFJK-API and the standard AX-SFJK modem version?
- ⤷ How do I implement the Sigfox library within the API version of the chip?
- ⤷ What specific Japanese radio certifications does this chip comply with?