AI

The identification **AVH-25LSFO3122604** refers to a high-capacity, high-discharge Lithium Iron Phosphate (LiFePO4) battery module, commonly used in electric vehicle (EV) conversions, renewable energy storage, and industrial power systems.
Below is an explanation of the electronic components and technical specifications associated with this part.
---
### 1. Technical Specifications
This module is typically a **25.6V** assembly, often configured as an **8S** (8 cells in series) arrangement.
| Parameter | Specification |
| :--- | :--- |
| **Chemistry** | Lithium Iron Phosphate (LiFePO4) |
| **Nominal Voltage** | 25.6V |
| **Capacity** | ~100Ah - 120Ah (varies by specific revision) |
| **Configuration** | 8S1P (8 Cells in Series) |
| **Charge Cut-off Voltage** | 29.2V |
| **Discharge Cut-off Voltage** | 20.0V |
---
### 2. Core Electronic Components
#### A. LiFePO4 Prismatic Cells
The module contains individual prismatic cells. Unlike cylindrical cells (like 18650s), these are rectangular blocks.
* **Safety:** LiFePO4 is chemically stable and resistant to thermal runaway.
* **Cycle Life:** These cells typically offer 2,000 to 5,000 charge cycles.
#### B. The Busbar System
Inside the casing, the cells are connected via heavy-duty copper or nickel-plated busbars.
* **Function:** Handles high current flow (often upwards of 100A-200A continuous).
* **Interconnects:** Laser-welded or bolted to ensure low resistance.
#### C. Integrated BMS (Battery Management System) Interface
The "AVH" series usually includes an internal wiring harness for a BMS.
* **Cell Balancing:** Ensures all 8 cells stay at the same voltage level.
* **Protection Circuitry:** Monitors for over-voltage, under-voltage, and over-current.
* **Communication Ports:** Often features a localized connector (such as a Molex or JST type) to plug into a master controller.
#### D. Thermal Management
* **NTC Thermistors:** Built-in temperature sensors that feed data to the BMS to prevent charging in freezing conditions or discharging during overheating.
---
### 3. Application Use-Cases
```python
# Example logic for a BMS protecting an AVH-25LSFO module
def check_battery_health(cell_voltages, temperature):
CRITICAL_HIGH = 3.65
CRITICAL_LOW = 2.5
MAX_TEMP = 55 # Celsius
for i, v in enumerate(cell_voltages):
if v > CRITICAL_HIGH:
return f"Alert: Cell {i} Overvoltage! Disconnect Charger."
if v < CRITICAL_LOW:
return f"Alert: Cell {i} Undervoltage! Shutdown System."
if temperature > MAX_TEMP:
return "Alert: Overheating! Reduce Load."
return "System Healthy"
```
---
### 4. Safety Considerations
* **Short Circuit Risk:** Due to the low internal resistance, a short circuit can lead to massive current discharge and fire.
* **Compression:** These modules are often designed to be held under physical compression to prevent cell swelling during high-rate discharge.
- ⤷
How do I wire multiple AVH-25LSFO modules in parallel to increase capacity?
- ⤷ What is the recommended BMS brand for this specific LiFePO4 module?
- ⤷ Can this battery be charged directly from a standard lead-acid alternator?