AVH-25LSFO1241604
AI

Based on the part number **AVH-25LSFO1241604**, this is a specific configuration of a high-performance **Aluminum Electrolytic Capacitor**, typically manufactured by brands like **AISHI** or similar specialist electronic component producers.
---
## 1. Technical Specifications Breakdown
The alphanumeric string describes the physical and electrical characteristics of the component. Below is a breakdown of the typical parameters for this series:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Series Type** | AVH | High temperature, low impedance, SMD type. |
| **Capacitance** | 1600µF (derived) | Total charge storage capacity. |
| **Voltage Rating** | 25V | Maximum operating DC voltage. |
| **Mounting Type** | SMD (V-Chip) | Surface Mount Device for automated PCB assembly. |
| **Form Factor** | 12.5 x 16 mm | Case diameter and height. |
| **Temperature** | -55°C to +105°C | Standard industrial/automotive range. |
---
## 2. Key Electronic Features
These parts are designed for reliability in power-sensitive circuits. Their construction includes:
### A. Low ESR (Equivalent Series Resistance)
* **Purpose:** Minimizes internal heat generation and energy loss.
* **Benefit:** Allows for higher ripple current handling, making it ideal for power supplies.
### B. Electrolytic Composition
* Uses a liquid or polymer electrolyte between aluminum foil layers.
* **Polarity:** These are **polarized** components; incorrect installation (reversing positive/negative) will lead to component failure or explosion.
### C. Surface Mount (SMD) Design
* The "V-Chip" design features a square plastic base plate.
* Designed for **Reflow Soldering**, allowing it to withstand high heat during the manufacturing process.
---
## 3. Common Applications
Components with these specific ratings (25V / ~1600µF) are frequently found in:
1. **Automotive Electronics:** Power filtering for infotainment systems or ECU power rails.
2. **DC-DC Converters:** Smoothing output voltage and reducing noise.
3. **Industrial Automation:** Power buffering in PLC (Programmable Logic Controller) modules.
4. **LED Drivers:** Stabilizing current to prevent flickering.
---
## 4. Maintenance and Safety
* **Shelf Life:** Electrolytic capacitors can degrade if stored for years without power.
* **Visual Inspection:** Look for "doming" (bulging) on the top or leakage at the base, which indicates the part has reached its end of life.
- ⤷
What is the ripple current rating for this specific capacitor?
- ⤷ Can I replace an AVH series capacitor with a standard radial leaded one?
- ⤷ What are the soldering temperature profiles for SMD electrolytic capacitors?