công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AVH-25LSFO1122604

  • AI
    Based on the model number **AVH-25LSFO1122604**, this appears to be a specific industrial or commercial-grade air handling unit or fan assembly (often associated with brands like Daikin, McQuay, or specialized HVAC manufacturers). Below is a breakdown of the typical electronic components found in these types of units: ### 1. Control Boards and Logic The "brain" of the unit manages signals from sensors and coordinates the mechanical parts. * **Main PCB (Printed Circuit Board):** Processes inputs (temperature, humidity) and sends commands to the motor. * **Terminal Blocks:** Points where external wiring (thermostats, BMS systems) connects to the internal electronics. ### 2. Motor and Drive Components Electronic parts responsible for physical movement and air circulation. * **VFD (Variable Frequency Drive):** If the unit is high-efficiency, it uses a VFD to adjust motor speed by varying frequency and voltage. * **EC Motor Controller:** If equipped with an Electronically Commutated (EC) motor, it contains integrated electronics to convert AC to DC for precise speed control. * **Run Capacitor:** A cylindrical component that provides the electrical "push" needed to start or run the fan motor. ### 3. Sensors and Protection Electronic safety and monitoring devices. * **Thermistor/Temperature Sensors:** Measure air temperature to regulate heating/cooling cycles. * **Pressure Switch:** An electronic safety device that detects if the fan is actually moving air; it cuts power if a belt breaks or a filter is clogged. * **Overload Protector:** A thermal switch that prevents the motor from burning out if it draws too much current. ### 4. Power Management | Component | Function | | :--- | :--- | | **Transformer** | Steps down high voltage (e.g., 230V or 460V) to low voltage (24V) for the control circuit. | | **Contactor / Relay** | An electromagnetic switch that allows low-voltage controls to turn high-voltage motors on and off. | | **Fuse / Breaker** | Protects the internal circuitry from power surges or short circuits. | --- ### Technical Specifications Summary | Category | Typical Part Type | | :--- | :--- | | **Input Voltage** | Often 208-230V / 460V (depends on sub-model) | | **Control Voltage** | 24V AC/DC | | **Communication** | Modbus or BACnet (optional for BMS integration) |
    ✨ Follow-up Questions
    • ⤷ Is this unit currently displaying an error code on its display or control board?
    • ⤷ Are you looking for a replacement part for a specific failure (e.g.
    • ⤷ motor not starting)?
    • ⤷ Can you confirm the manufacturer of this unit to provide specific wiring diagrams?