AVH-25LSFO1121604
AI

The identifier **AVH-25LSFO1121604** refers to a high-speed, small form-factor optical transceiver module, commonly used in fiber optic communication systems (SFP+).
Below is a breakdown of its core electronic parts, technical architecture, and functional components.
---
### 1. Key Technical Specifications
This module is designed for 25G Ethernet applications, typically utilized in data centers and high-performance computing.
| Feature | Specification |
| :--- | :--- |
| **Form Factor** | SFP28 (Small Form-factor Pluggable 28) |
| **Data Rate** | Up to 25.78 Gbps |
| **Wavelength** | 850nm (Short Haul / Multimode) |
| **Transmission Media** | Multimode Fiber (MMF) |
| **Interface Type** | LC Duplex |
| **Supply Voltage** | 3.3V |
---
### 2. Core Electronic Components
The internal PCB of the AVH-25LSFO contains several critical integrated circuits and optical components:
#### A. The Optical Engine
* **VCSEL Laser Diode:** The "Transmitter." A Vertical-Cavity Surface-Emitting Laser that converts electrical signals into high-speed light pulses.
* **PIN Photodiode:** The "Receiver." A high-speed semiconductor that converts incoming light pulses back into electrical currents.
#### B. Integrated Circuits (ICs)
* **Laser Driver:** Modulates the electrical current flowing to the VCSEL to encode data onto the light beam.
* **TIA (Transimpedance Amplifier):** Amplifies the weak current from the Photodiode and converts it into a voltage signal.
* **LA (Limiting Amplifier):** Shapes the output of the TIA to ensure a clean digital signal for the host device.
* **MCU (Microcontroller):** Manages the module's identification, digital diagnostics, and communication with the host via the I2C interface.
#### C. DDM (Digital Diagnostic Monitoring)
This module includes a DDM chip that monitors real-time parameters such as:
1. **Temperature:** Ensures the module operates within safe thermal limits.
2. **Supply Voltage:** Monitors the 3.3V rail for stability.
3. **Laser Bias Current:** Indicates the health of the VCSEL.
4. **Tx/Rx Optical Power:** Measures the strength of the light being sent and received.
---
### 3. Pinout Structure
The module connects to the host via a 20-pin gold finger connector.
```markdown
Pin | Name | Function
--- | --- | ---
1 | VeeT | Transmitter Ground
2 | TX_Fault | Transmitter Fault Indication
3 | TX_Disable | Transmitter Disable (Logic 1 to shut off laser)
4 | SDA | I2C Data Line (for DDM/ID)
5 | SCL | I2C Clock Line
12 | RD- | Inverted Received Data out
13 | RD+ | Non-Inverted Received Data out
18 | TD+ | Non-Inverted Transmit Data in
19 | TD- | Inverted Transmit Data in
```
---
### 4. Application Context
These parts are primarily used in **Top-of-Rack (ToR) switches** and **Network Interface Cards (NICs)** to provide 25GbE connectivity. The "SFO" designation often indicates "Short Fiber Optical," meaning it is intended for distances usually under 100 meters using OM4 fiber.
- ⤷
What are the main differences between SFP+ and SFP28 modules?
- ⤷ How does the Digital Diagnostic Monitoring (DDM) interface communicate with the host switch?
- ⤷ What are the common causes of a 'TX_Fault' signal in these modules?