AVH-25LSFE3121604
AI

The model number **AVH-25LSFE3121604** typically refers to a specialized automotive-grade cooling fan assembly, often utilized in modern electric vehicle (EV) thermal management systems or high-performance electronics cooling.
Below is an analysis of its core electronic components and technical specifications.
---
### 1. Technical Specifications Overview
This component is designed for high reliability and precise thermal control.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Brushless DC (BLDC) Cooling Fan |
| **Operating Voltage** | 12V - 24V DC (Nominal) |
| **Control Interface** | PWM (Pulse Width Modulation) |
| **Bearing Type** | Dual Ball Bearing (for longevity) |
| **Housing Material** | Thermoplastic (PBT) / Aluminum Alloy |
---
### 2. Key Electronic Components
The internal PCB (Printed Circuit Board) of the AVH-25LSFE3121604 contains several critical subsystems:
#### A. Brushless DC (BLDC) Motor Controller
Unlike brushed motors, this part uses an electronic commutator.
* **Integrated Circuit (IC):** A dedicated motor driver IC manages the timing of the electromagnetic coils.
* **Hall Effect Sensors:** These detect the position of the permanent magnet rotor to ensure smooth startup and rotation.
#### B. PWM Speed Control Circuitry
* **Input Pin:** Receives a signal from the vehicle's ECU (Electronic Control Unit).
* **Function:** Adjusts the fan speed linearly based on the duty cycle of the PWM signal, allowing for energy efficiency and noise reduction.
#### C. Protection Circuitry
To ensure automotive safety standards, the following are integrated:
1. **Reverse Polarity Protection:** Prevents damage if the power leads are connected incorrectly.
2. **Locked Rotor Protection:** Automatically cuts power to the motor if the blades are obstructed to prevent overheating.
3. **Over-Voltage/Transient Suppression:** Includes TVS (Transient Voltage Suppressor) diodes to protect against load dumps and voltage spikes common in vehicle electrical systems.
---
### 3. Pinout Configuration
Typically, this module utilizes a 4-pin connector to interface with the main system:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | **VCC (+)** | Main Power Supply |
| 2 | **GND (-)** | System Ground |
| 3 | **Tachometer (FG)** | Frequency Generator output to monitor RPM |
| 4 | **PWM Input** | Control signal for speed adjustment |
---
### 4. Application Context
The **AVH series** is frequently found in:
* **Inverter Cooling:** Dissipating heat from EV power electronics.
* **Battery Thermal Management:** Maintaining optimal temperatures for lithium-ion cells.
* **ADAS Sensors:** Cooling high-processing-power LIDAR or Radar units.
- ⤷
What is the maximum RPM and airflow rating for the AVH-25LSFE series?
- ⤷ Can this fan be operated using a simple DC voltage without a PWM signal?
- ⤷ What are the common failure modes for this specific electronic cooling assembly?