công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AVH-25LSFE1102604

  • AI
    Based on the model number **AVH-25LSFE1102604**, this appears to be a specialized variant or sub-component of a high-efficiency **Inverter Air Conditioning unit** (likely from the Hisense/ASF series or similar OEM manufacturing). Below is a breakdown of the electronic parts and systems typically found in this specific series of units. ### 1. Control Board (PCB) Architecture The heart of this unit is the Main Control Board, which manages both low-voltage logic and high-voltage power distribution. | Component | Description | Function | | :--- | :--- | :--- | | **Microcontroller (MCU)** | Integrated Circuit (IC) | Processes sensor data and executes PID algorithms for temperature control. | | **EEPROM** | Memory Chip | Stores error logs, settings, and factory calibration data. | | **IPM (Intelligent Power Module)** | Power Semiconductor | Converts DC to AC to drive the variable-speed compressor. | --- ### 2. Sensor Network These components provide the "feedback loop" required for the electronic control system to maintain efficiency. * **Ambient Thermistor:** Measures the incoming air temperature to determine cooling/heating load. * **Tube Temperature Sensor:** Monitors the evaporator coil temperature to prevent icing or overheating. * **Defrost Sensor:** (Outdoor unit specific) Triggers the reverse cycle when the external heat exchanger freezes. --- ### 3. Electromechanical & Power Parts These parts bridge the gap between electronic signals and physical movement. 1. **Electronic Expansion Valve (EEV):** * Unlike a fixed capillary tube, this uses a stepper motor controlled by the PCB to precisely regulate refrigerant flow. 2. **BLDC Fan Motor:** * A Brushless DC motor that allows for multiple speed steps (Low, Med, High, Turbo, Quiet) with higher energy efficiency than standard AC motors. 3. **EMI Filter:** * A circuit designed to suppress electromagnetic interference, ensuring the high-frequency switching of the inverter doesn't disturb other home electronics. --- ### 4. Communication Interface Most units in the **AVH** series include specific electronic headers for: * **Display Module:** A small sub-PCB with LEDs or an LCD to show temperature and status. * **WiFi Module Header:** A 4-pin or 5-pin port for connecting a smart-control dongle. * **Remote Receiver:** An Infrared (IR) diode module for handheld controller communication. --- ### Technical Specification Overview ```json { "System_Type": "DC Inverter", "Power_Source": "220-240V / 50Hz", "Communication_Protocol": "Serial (S/C)", "Protection_Circuit": "Over-current, Under-voltage, Thermal Cut-off" } ```
    ✨ Follow-up Questions
    • ⤷ What are the common error codes associated with the AVH series PCBs?
    • ⤷ How do I test the IPM module using a multimeter?
    • ⤷ Is the WiFi module for this unit universal or brand-specific?