công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AVH-25LSFE102604

  • AI
    Based on the model number provided, **AVH-25LSFE102604** appears to be a specific technical identifier for a commercial or industrial Air Handling Unit (AHU) or an Evaporator Coil assembly, likely associated with high-efficiency HVAC systems. Below is an analysis of the electronic components and structural parts typically found in this type of equipment. --- ### 1. Core Electronic Components The electronics in this unit focus on motor control, airflow regulation, and thermal feedback. | Component | Description | Function | | :--- | :--- | :--- | | **ECM Motor** | Electronically Commutated Motor | A brushless DC motor that adjusts speed dynamically to maintain constant CFM (airflow). | | **Control Board (PCB)** | Central Logic Controller | Manages timing, defrost cycles, and communication with the thermostat. | | **Capacitor** | Run/Start Capacitor | Provides the necessary phase shift to start or stabilize the motor (if not using a fully integrated ECM). | | **Thermistor/Sensors** | NTC/PTC Sensors | Monitors coil temperature to prevent freezing and ensure efficient heat exchange. | | **Transformer** | 24V Step-down | Converts high voltage (110V/220V) to low voltage for the control circuit. | --- ### 2. Electromechanical and Structural Parts These parts bridge the gap between electronic signals and physical cooling/heating actions. * **TXV (Thermal Expansion Valve):** An electronic or mechanical valve that regulates the flow of refrigerant into the evaporator coil based on cooling demand. * **Blower Assembly:** The fan wheel driven by the motor to circulate air through the ductwork. * **Drain Pan Switch:** A safety sensor that shuts down the system if the condensate drain is clogged to prevent water damage. --- ### 3. Technical Specifications Breakdown While specific manufacturer proprietary data varies, the alphanumeric string "25LSFE" typically indicates: 1. **Capacity (25):** Often refers to a nominal capacity (e.g., 2.5 Tons or 25,000 BTU). 2. **LSFE Series:** Likely denotes a "Low Profile" or "Slim" series with "Front Effluent" or "Electronic" control features. 3. **Voltage/Phase:** The suffix often indicates the electrical configuration (e.g., 208/230V Single Phase). --- ### 4. Wiring and Maintenance Tips If you are troubleshooting the electronics: ```yaml Safety_Protocol: - Disconnect power before opening the control panel. - Check the 3-amp or 5-amp fuse on the PCB if the unit is unresponsive. - Ensure the "Common" (C) wire is securely connected for smart thermostat compatibility. ``` ---
    ✨ Follow-up Questions
    • ⤷How do I troubleshoot a communication error on the control board?
    • ⤷ What is the specific CFM rating for the 25LSFE series?
    • ⤷ Can the ECM motor in this unit be replaced with a standard PSC motor?