AUSDH8GUI1-R
AI

The part number **AUSDH8GUI1-R** refers to a **High-Endurance microSDHC UHS-I Card** manufactured by **ADATA**. This specific component is designed for industrial or high-intensity consumer applications.
---
### 1. Technical Specifications
The following table breaks down the electronic and performance characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Capacity** | 8GB |
| **Flash Type** | MLC (Multi-Level Cell) NAND Flash |
| **Speed Class** | Class 10 / UHS-I (U1) |
| **Read Speed** | Up to 80 MB/s |
| **Write Speed** | Up to 10 MB/s (sustained minimum) |
| **Operating Voltage** | 2.7V to 3.6V |
| **Operating Temp** | -25°C to 85°C |
---
### 2. Key Electronic Features
* **Error Correcting Code (ECC):** It includes integrated hardware ECC to automatically detect and fix data transmission errors, ensuring data integrity over long-term use.
* **Wear Leveling:** The internal controller utilizes algorithms to distribute write/erase cycles evenly across the flash memory cells, preventing premature failure of specific sectors.
* **Durability Ratings:**
* **Waterproof:** IPX7 rated (submerged 1 meter for 30 mins).
* **Shock/Vibration:** Resistant to physical impact common in mobile or automotive environments.
* **X-Ray Proof:** Immune to airport security X-rays (ISO7816-1 compliant).
* **S.M.A.R.T. Support:** In specific industrial applications, the card can report its health status (remaining life) to the host device.
---
### 3. Application Use-Cases
Due to its **MLC NAND** architecture (which is more durable than the standard TLC used in cheap consumer cards), this part is typically used in:
1. **Dash Cams & Surveillance:** Continuous loop recording requires high write endurance.
2. **Industrial PCs:** Operating systems for IoT devices or embedded controllers.
3. **Medical Equipment:** Reliable logging for diagnostic machinery.
4. **Automotive Systems:** Navigation and infotainment systems subject to temperature fluctuations.
---
### 4. Part Number Decoder (ADATA)
| Segment | Meaning |
| :--- | :--- |
| **AU** | ADATA MicroSD |
| **SDH** | Secure Digital High Capacity (SDHC) |
| **8G** | 8 Gigabytes |
| **UI1** | UHS-I Speed Grade 1 |
| **-R** | Retail Packaging (or RoHS compliant variant) |
- ⤷What is the difference in endurance between MLC and TLC flash in microSD cards?
- ⤷ How does the ECC mechanism protect data in industrial SD cards?
- ⤷ Are there higher capacity versions of the AUSDH series available for industrial use?