ATS-X50210P-C1-R0
AI

The **ATS-X50210P-C1-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is specifically designed for cooling high-power electronic components, such as BGA (Ball Grid Array) packages, CPUs, or GPUs.
---
### 1. Key Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Series** | superGRIP™ |
| **Material** | Aluminum (typically Blue Anodized) |
| **Attachment Method** | superGRIP™ Clip (Tool-less installation) |
| **Dimensions** | 21.00mm x 21.00mm (Footprint) |
| **Height** | 10.00mm (Low Profile) |
| **Fin Style** | Straight Fin |
| **Thermal Resistance** | Approx. 11.20 °C/W (varies by airflow) |
---
### 2. Design and Component Breakdown
#### A. Fin Geometry
This model utilizes a **Straight Fin** design. This is optimized for systems with **forced air convection** (fans). The straight paths allow air to flow through the length of the sink with minimal pressure drop, maximizing heat dissipation from the base to the surrounding environment.
#### B. Attachment Mechanism (superGRIP™)
One of the defining "parts" of this assembly is the proprietary clip system.
* **Plastic Frame Clip:** This snaps onto the perimeter of the component (BGA), requiring no holes in the PCB.
* **Metal Spring Clip:** A "double-X" stainless steel spring clip applies steady, even pressure across the thermal interface material (TIM) to ensure maximum heat transfer.
#### C. Material & Coating
* **Aluminum 6063:** Lightweight with high thermal conductivity.
* **Blue Anodization:** Provides corrosion resistance and slightly increases surface emissivity for radiation cooling.
---
### 3. Applications
This part is commonly found in:
* **Telecommunications:** Network switches and routers.
* **Industrial PC:** Embedded systems where PCB space is limited.
* **Embedded Computing:** Cooling high-speed processors or FPGAs.
---
### 4. Installation Overview
Unlike traditional "push-pin" heat sinks, the **ATS-X50210P-C1-R0** does not require drilling into the motherboard. This protects the PCB's integrity and allows for higher component density on the board.
- ⤷
What are the airflow requirements to achieve the rated thermal resistance?
- ⤷ Does this model come with pre-applied thermal interface material (TIM)?
- ⤷ What are the advantages of superGRIP vs. traditional push-pin mounting?