ATS-X50190P-C1-R0
AI

The **ATS-X50190P-C1-R0** is a high-performance heat sink component manufactured by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** series, specifically designed for cooling high-power electronic components like CPUs, GPUs, and ASICs.
---
### 1. Technical Specifications
The following table summarizes the primary physical and thermal characteristics of this part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Dimensions (L x W x H)** | 19.0mm x 19.0mm x 18.5mm |
| **Material** | Aluminum (Anodized Blue) |
| **Thermal Resistance** | 5.30°C/W (at 200 LFM) |
| **Attachment Method** | Push-Pin (Hardware included) |
| **Interface Material** | T766 (High-performance thermal phase-change) |
---
### 2. Key Electronic Cooling Features
* **maxiFLOW™ Geometry:** The heat sink features a unique spread-fin design. Unlike standard straight-fin heat sinks, the fins are angled to maximize surface area and increase airflow intake, which reduces the thermal resistance between the component and the ambient air.
* **Integrated Thermal Interface Material (TIM):** The unit comes pre-applied with **T766** phase-change material. This ensures low contact resistance between the electronic chip (IC) and the aluminum base without requiring external thermal paste.
* **Mechanical Security:** The **C1-R0** designation indicates it uses a push-pin attachment mechanism. This provides consistent pressure (preload) on the electronic package, which is critical for maintaining thermal performance over the lifespan of the device.
---
### 3. Application Use Cases
This specific part is typically used in density-constrained electronic environments:
1. **Telecommunications:** Cooling small-form-factor networking chips and switches.
2. **Embedded Systems:** Industrial PCs where vertical space is limited to 18.5mm.
3. **Power Electronics:** Managing heat in DC-DC converters or motor drivers.
---
### 4. Thermal Performance Comparison
Thermal resistance decreases as airflow (Measured in Linear Feet per Minute - LFM) increases:
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 | 5.30 |
| 300 | 4.30 |
| 400 | 3.70 |
| 500 | 3.30 |
- ⤷
What is the difference between push-pin and clip-on mounting for this series?
- ⤷ How does the T766 interface material compare to standard thermal grease?
- ⤷ Are there alternative fin heights available for the 19x19mm footprint?