công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-R30

  • AI
    The **ATS-R30** (Automatic Transfer Switch - R30 series) is an electronic device used to switch power between two sources (usually Utility/Mains and a Backup Generator/Inverter) to ensure uninterruptible power supply. Below is an explanation of its core electronic parts and their functions. --- ## 1. Core Electronic Components The ATS-R30 relies on a combination of power electronics and control logic to manage high-current switching safely. | Component | Function | | :--- | :--- | | **Solenoid / Electromagnet** | The primary actuator that moves the contact bridge between Source A and Source B. | | **Microprocessor/Logic Controller** | The "brain" that monitors incoming voltage and frequency to decide when to switch. | | **Sensing Circuits** | Low-voltage circuits that detect "Under-voltage" or "Loss of Phase" conditions. | | **Silver Alloy Contacts** | High-conductivity points that physically touch to complete the circuit; designed to resist arcing. | | **Arc Chutes** | Mechanical/Electronic barriers that extinguish the electric spark (arc) created during high-speed switching. | --- ## 2. Circuit Architecture The device is generally divided into three functional blocks: ### A. Power Circuit (The Heavy Duty Part) This consists of the input terminals for Source A (Mains) and Source B (Backup), and the common output terminal. * **Interlocking Mechanism:** A vital safety feature (mechanical or electronic) that prevents both sources from being connected simultaneously, which would cause a short circuit. ### B. Control Circuit (The Decision Maker) * **Voltage Comparator:** Compares the incoming voltage against a preset threshold (e.g., 180V for a 220V system). * **Time Delay Relay (TDR):** Prevents "nuisance switching" by waiting a few seconds to ensure the backup power is stable before transferring the load. ### C. Feedback and Indicator System * **LED Indicators:** Display the status of available power sources. * **Auxiliary Contacts:** Small signal switches used to send a "Start" signal to a generator when the main power fails. --- ## 3. Technical Specifications (Typical) While specific R30 models vary by manufacturer, they generally follow these electronic parameters: ```yaml Standard: IEC 60947-6-1 Rated Current: 30A to 100A (depending on R30 sub-type) Switching Time: < 50ms (Typical for R30 series) Operating Voltage: 220V/230V or 380V/400V AC Insulation Voltage: 690V ``` --- ## 4. Key Electronic Features 1. **Manual/Auto Toggle:** A physical switch that bypasses the electronic logic for maintenance. 2. **Phase Failure Protection:** If one phase in a 3-phase system drops, the electronics trigger a transfer to protect motors from burning out. 3. **Zero-Crossing Switching:** Advanced R30 versions attempt to switch when the AC wave is at zero volts to minimize electrical noise and contact wear.
    ✨ Follow-up Questions
    • ⤷ What is the difference between PC-class and CB-class ATS units?
    • ⤷ How do you wire the auxiliary contacts to a generator for auto-start?
    • ⤷ What causes the 'arc' during the switching process in an ATS?