ATS-P2-88-C1-R0
AI

The **ATS-P2-88-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the "maxiFLOW™" series, designed for cooling electronic components such as processors, FPGAs, and ASICs.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-P2-88-C1-R0 |
| **Material** | Aluminum (with Blue Anodized finish) |
| **Thermal Resistance** | 2.28°C/W (at 200 LFM) |
| **Dimensions (L x W)** | 36.83mm x 36.83mm |
| **Height** | 17.78mm |
| **Attachment Method** | pushPIN™ (Brass/Plastic pins) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Key Electronic Features
* **maxiFLOW™ Geometry:** The heat sink features a tapered fin design that maximizes surface area and improves airflow intake. This is critical for high-density PCBs where airflow might be obstructed.
* **pushPIN™ Attachment:** The "P2" in the part number indicates the specific attachment mechanism. It uses a spring-loaded push-pin system which provides consistent pressure on the electronic component, ensuring optimal thermal contact.
* **Thermal Interface Material (TIM):** The **C1** designation indicates that it comes with a high-performance thermal pad (T766) pre-applied, reducing assembly time and ensuring a reliable heat transfer path from the chip to the metal.
* **R0 Compliance:** This signifies that the part is RoHS (Restriction of Hazardous Substances) compliant, meeting standard environmental regulations for electronic hardware.
---
### 3. Application Use Cases
The ATS-P2-88-C1-R0 is typically used in environments where electronic components generate significant heat in a small footprint:
1. **Telecommunications:** Cooling networking switches and routers.
2. **Computing:** Heat dissipation for high-speed logic devices.
3. **Industrial Controls:** Maintaining stable operating temperatures for embedded controllers.
---
### 4. Thermal Performance Comparison
Below is an example of how thermal resistance changes based on airflow speed:
```text
Airflow Velocity (LFM) | Thermal Resistance (°C/W)
-----------------------|--------------------------
200 (1.0 m/s) | 2.28
400 (2.0 m/s) | 1.15
600 (3.0 m/s) | 0.82
```
- ⤷
What are the specific mounting hole requirements for the pushPIN system?
- ⤷ How does the T766 thermal interface material compare to standard thermal grease?
- ⤷ Are there lower-profile versions of the ATS-P2-88 series available?