ATS-P2-82-C1-R0
AI

## Overview of ATS-P2-82-C1-R0
The **ATS-P2-82-C1-R0** is a high-performance **Heat Sink** assembly from the **maxiFLOW™** series, manufactured by **Advanced Thermal Solutions (ATS)**. It is specifically designed for cooling electronic components such as CPUs, GPUs, FPGAs, and ASICs where space is limited but thermal loads are high.
---
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Body) / Blue Anodized (Finish) |
| **Attachment Method** | pushPIN™ (Plastic Pins with Springs) |
| **Thermal Resistance** | 10.67°C/W (at 200 LFM) |
| **Dimensions** | 30mm x 30mm x 15mm |
| **Airflow Direction** | Vertical / Omni-directional (Pin Fin design) |
| **Compliance** | RoHS and REACH Compliant |
---
### Key Electronic & Mechanical Components
#### 1. Pin Fin Heat Sink (The Main Body)
Unlike traditional straight-fin heat sinks, the ATS-P2-82-C1-R0 uses a **Pin Fin** geometry.
* **Purpose:** The pins increase the surface area available for heat dissipation while creating turbulence in the airflow.
* **Effect:** Turbulence breaks up the "boundary layer" of stagnant air, significantly increasing cooling efficiency in low-to-medium airflow environments.
#### 2. pushPIN™ Attachment System
This is the mechanical interface that secures the heat sink to the Printed Circuit Board (PCB).
* **Components:** Specialized plastic pins and compression springs.
* **Electronic Safety:** The system ensures a precise, pre-measured pressure (load) is applied to the electronic chip. This prevents damage to the delicate solder balls (BGA) or the silicon die while maintaining optimal thermal contact.
#### 3. Thermal Interface Material (TIM)
* **Component:** The unit typically comes with **ATS-CP-V2** or similar pre-applied phase-change material or thermal tape.
* **Function:** It fills microscopic air gaps between the electronic component’s surface and the heat sink base, ensuring low thermal resistance.
---
### Application in Electronics
This part is used to manage the **Thermal Design Power (TDP)** of integrated circuits. Its small footprint (30mm) makes it ideal for:
* **Networking Hardware:** Routers, switches, and small-form-factor servers.
* **Embedded Systems:** Industrial controllers where reliability is critical.
* **Telecommunications:** Cooling of high-speed data processing chips.
---
- ⤷
What are the specific thermal resistance values for different airflow speeds (LFM) for this model?
- ⤷ How does the pushPIN mounting system compare to standard adhesive tape for PCB longevity?
- ⤷ Is there a CAD model available for integrating this heat sink into a PCB layout?