ATS-P2-68-C1-R0
AI

## Technical Analysis of ATS-P2-68-C1-R0
The **ATS-P2-68-C1-R0** is a high-performance electronic thermal management component. Specifically, it is a **Heatsink** designed for cooling integrated circuits (ICs) and other surface-mount components. It belongs to the **Advanced Thermal Solutions (ATS)** "maxiFLOW" product line.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Base Part Number** | ATS-68 |
| **Material** | Aluminum (with Blue Anodized Finish) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 15.29°C/W (at 100 LFM) to 5.42°C/W (at 700 LFM) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 15mm |
| **Compliance** | RoHS and REACH Compliant |
---
### 2. Physical Design & Engineering
The part is engineered with a specific geometry to maximize surface area and airflow efficiency:
* **maxiFLOW™ Technology:** Features a spread fin pattern that transitions from a concentrated base to a wider top. This design reduces pressure drop and increases the effectiveness of convective cooling.
* **pushPIN™ Attachment:** This model uses a tool-free mounting mechanism. It includes a brass or plastic pin and a high-performance compression spring to ensure even pressure across the component (TIM - Thermal Interface Material).
* **Blue Anodized Coating:** The blue finish is not just aesthetic; it provides surface protection against corrosion and slightly improves radiant heat transfer.
---
### 3. Electronic Application Context
This component is typically found in high-heat density electronic environments:
1. **Processors & FPGAs:** Used on Field Programmable Gate Arrays or CPUs that generate significant heat in a compact footprint.
2. **Power Electronics:** Applied to MOSFET arrays or power modules in telecommunications and networking gear.
3. **Industrial Controls:** Integrated into PCB designs where airflow might be restricted, requiring the optimized fin geometry of the maxiFLOW series.
---
### 4. Thermal Performance Overview
Thermal resistance decreases as airflow (Measured in Linear Feet per Minute - LFM) increases:
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 | 15.29 |
| 300 | 8.07 |
| 500 | 6.20 |
| 700 | 5.42 |
---
- ⤷
What are the specific mounting hole requirements for the pushPIN system on this heatsink?
- ⤷ Does this model come with pre-applied Thermal Interface Material (TIM)?
- ⤷ How does the pressure drop of the maxiFLOW design compare to standard straight-fin heatsinks?