ATS-P2-57-C1-R0
AI

The **ATS-P2-57-C1-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heatsink**. It is designed to dissipate heat from electronic components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The following table highlights the core physical and thermal properties of this specific part number:
| Property | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (with Blue Anodized finish) |
| **Attachment Method** | Push-Pin with Brass Springs |
| **Fin Style** | Straight Fin |
| **Base Dimensions** | 40mm x 40mm |
| **Height** | 15mm |
| **Thermal Resistance** | 13.13 °C/W (at 1.0 m/s airflow) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Key Features
* **Straight Fin Design:** Optimized for unidirectional airflow. This allows air to flow through the fins with minimal pressure drop.
* **Push-Pin Attachment:** Features a plastic push-pin and brass spring mechanism. This ensures a consistent pressure on the electronic component, improving heat transfer reliability.
* **Pre-applied TIM:** It comes with a high-performance **T766 thermal interface material** (thermal grease/pad) already applied to the base, simplifying the assembly process on the production line.
* **Anodized Finish:** The blue anodized coating provides corrosion resistance and increased surface emissivity.
---
### 3. Application Use Cases
This part is typically used in environments where high-power electronic components are packed into tight spaces:
1. **Telecommunications:** For cooling signal processing chips.
2. **Embedded Systems:** For industrial PCs where space-constrained cooling is required.
3. **Power Supplies:** To manage heat on MOSFETs or voltage regulators.
---
### 4. Part Number Breakdown
The part number follows a specific nomenclature:
* **ATS:** Advanced Thermal Solutions (The Brand).
* **P2:** Series designation (Push-Pin type).
* **57:** Specific geometry/size code.
* **C1:** Blue Anodized finish.
* **R0:** Revision or packaging code.
- ⤷What is the hole pattern spacing for the ATS-P2-57-C1-R0 push-pins?
- ⤷ How does the T766 thermal material compare to other TIM options?
- ⤷ What is the weight of this heatsink?