ATS-P2-44-C3-R0
AI

The **ATS-P2-44-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to optimize airflow and heat dissipation for electronic components.
---
## 1. Technical Specifications
Below are the primary technical parameters for the ATS-P2-44-C3-R0:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 2.06°C/W (at 200 LFM) |
| **Dimensions (L x W)** | 40.00mm x 40.00mm |
| **Height** | 12.70mm |
| **Thermal Interface Material (TIM)** | T412 (Pre-applied) |
---
## 2. Key Design Features
### A. pushPIN™ Attachment
This part utilizes a specific attachment mechanism called **pushPIN™**. It consists of:
* **Compression Springs:** Provides precise pressure to ensure optimal contact with the heat source.
* **Plastic/Brass Pins:** Securely locks the heat sink into pre-drilled holes on the PCB.
### B. maxiFLOW™ Fin Geometry
The fin design is not a standard straight-fin configuration. It uses a **flared fin** profile which:
* Increases the surface area for heat dissipation.
* Reduces pressure drop, allowing air to flow more easily through the fins.
* Enhances performance in both forced-air and natural convection environments.
### C. Thermal Interface Material (TIM)
The part comes pre-applied with **T412**, which is a high-efficiency thermal tape. This eliminates the need for manual application of thermal grease and ensures a uniform bond between the component (like a CPU, GPU, or FPGA) and the heat sink.
---
## 3. Applications
The ATS-P2-44-C3-R0 is typically used for cooling square-packaged electronic components such as:
1. **FPGAs and ASICs:** High-speed processing units that generate localized heat.
2. **Network Switches:** Components requiring low-profile cooling due to rack space constraints.
3. **Power Supplies:** Cooling MOSFETs or power regulators.
---
## 4. Performance at Airflow
Thermal resistance varies based on the Linear Feet per Minute (LFM) of airflow:
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 200 | 1.0 | 2.06 |
| 400 | 2.0 | 1.42 |
| 600 | 3.0 | 1.13 |
- ⤷
What are the PCB hole diameter requirements for the pushPIN attachment?
- ⤷ How does the Blue Anodized finish affect the thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used without a fan in passive cooling scenarios?