ATS-P2-39-C1-R0
AI

## Technical Overview of ATS-P2-39-C1-R0
The **ATS-P2-39-C1-R0** is a high-performance electronic thermal management component. Specifically, it is a **push-pin style heat sink** designed for cooling integrated circuits (ICs) and other electronic components.
### 1. Key Specifications
The following table outlines the physical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Product Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 18.94° C/W (at 100 LFM) |
| **Attachment Method** | Push-Pin (Brass) with Compression Spring |
| **Dimensions (L x W x H)** | 35mm x 35mm x 10mm |
| **Weight** | ~11.45 grams |
---
### 2. Physical Design & Engineering
The "Electronic" value of this part lies in its optimized design for airflow management within a PCB environment:
* **Straight Fin Geometry:** The fins are arranged in a straight pattern, making it ideal for systems with directed airflow. It maximizes surface area while minimizing pressure drop.
* **Compression Spring System:** The push-pin mechanism uses a precisely calibrated spring to provide consistent downward pressure. This ensures a high-quality thermal interface between the heat sink base and the electronic chip, reducing the **Contact Resistance**.
* **Low Profile:** At only 10mm in height, this component is designed for modern electronics where vertical space (Z-height) is limited, such as in blade servers or 1U rackmount systems.
---
### 3. Application Use Cases
This part is typically found in the following electronic sectors:
1. **Telecommunications:** Cooling for ASICs and FPGAs in networking switches.
2. **Computing:** Chipset cooling on motherboards or high-speed memory controllers.
3. **Power Electronics:** Dissipating heat from high-current voltage regulators.
---
### 4. Thermal Performance Comparison
Thermal resistance varies based on the Airflow (Measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 | 18.94 |
| 300 | 7.07 |
| 500 | 4.88 |
| 700 | 3.92 |
- ⤷
What is the significance of the 'Blue Anodized' finish in thermal management?
- ⤷ How do I calculate the correct spring force for a push-pin heat sink?
- ⤷ What are the alternatives to push-pin mounting for this size of heat sink?